Selected language     English  ▼


KA78XXE_06 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. KA78XXE_06
Description  3-Terminal 1A Positive Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 6 page
background image
6
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.1
Electrical Characteristics (KA7809E/KA7809ER) (Continued)
Refer to test circuit, 0°C < TJ < 125°C, IO = 500mA, VI = 15V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
7. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
8. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
KA7809E/ER
Unit
Min.
Typ.
Max.
VO
Output Voltage
TJ = +25°C
8.65
9
9.35
V
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 11.5V to 24V
8.6
9
9.4
Regline
Line Regulation(7)
TJ = +25°CVI = 11.5V to 25V
6
180
mV
VI = 12V to 17V
2
90
Regload
Load Regulation(7)
TJ = +25°CIO = 5mA to 1.5A
12
180
mV
IO = 250mA to 750mA
4
90
IQ
Quiescent Current
TJ = +25°C–
5.0
8.0
mA
∆IQ
Quiescent Current Change
IO = 5mA to 1.0A
0.5
mA
VI = 11.5V to 26V
1.3
∆VO/∆T
Output Voltage Drift(8)
IO = 5mA
-1
mV/
°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C–
58
µV/Vo
RR
Ripple Rejection(8)
f = 120Hz
VI = 13V to 23V
56
71
dB
VDrop
Dropout Voltage
IO = 1A, TJ = +25°C–
2
V
rO
Output Resistance(8)
f = 1kHz
17
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C–
250
mA
IPK
Peak Current(8)
TJ = +25°C–
2.2
A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AS78XX_071A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AZ78MXX_07500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AS7805A1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM78XX_053-TERMINAL 1A POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreUnisonic Technologies
LM3503.0 A Adjustable Output Positive Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
AZ78LXX_073-TERMINAL POSITIVE LINEAR REGULATOR 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl