Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4001UB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4001UB
Description  Quadruple 2-input NOR gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4001UB Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4001UB Datasheet HTML 1Page - NXP Semiconductors HEF4001UB Datasheet HTML 2Page - NXP Semiconductors HEF4001UB Datasheet HTML 3Page - NXP Semiconductors HEF4001UB Datasheet HTML 4Page - NXP Semiconductors HEF4001UB Datasheet HTML 5Page - NXP Semiconductors HEF4001UB Datasheet HTML 6Page - NXP Semiconductors HEF4001UB Datasheet HTML 7Page - NXP Semiconductors HEF4001UB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 1995
5
Philips Semiconductors
Product specification
Quadruple 2-input NOR gate
HEF4001UB
gates
Fig.7 Test set-up for measuring forward transconductance gfs =dio/dvi at vo is constant (see also graph Fig.8).
Fig.8 Typical forward transconductance gfs as a function of the supply voltage at Tamb = 25 °C.
A : average,
B : average + 2 s,
C : average
− 2 s, in where ‘s’ is the observed standard deviation.


Similar Part No. - HEF4001UB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4001B PHILIPS-HEF4001B Datasheet
25Kb / 3P
   Quadruple 2-input NOR gate
January 1995
HEF4001B PHILIPS-HEF4001B Datasheet
29Kb / 3P
   Quadruple 2-input NOR gate
January 1995
logo
Nexperia B.V. All right...
HEF4001B NEXPERIA-HEF4001B Datasheet
198Kb / 9P
   Quad 2-input NOR gate
Rev. 11 - 19 November 2021
HEF4001B-Q100 NEXPERIA-HEF4001B-Q100 Datasheet
666Kb / 11P
   Quad 2-input NOR gate
logo
NXP Semiconductors
HEF4001BD PHILIPS-HEF4001BD Datasheet
25Kb / 3P
   Quadruple 2-input NOR gate
January 1995
More results

Similar Description - HEF4001UB

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS02E AEROFLEX-UT54ACS02E Datasheet
130Kb / 11P
   Quadruple 2-Input NOR Gate
logo
NXP Semiconductors
HEF4001B PHILIPS-HEF4001B Datasheet
25Kb / 3P
   Quadruple 2-input NOR gate
January 1995
HEC4001 PHILIPS-HEC4001 Datasheet
29Kb / 3P
   Quadruple 2-input NOR gate
January 1995
logo
Hitachi Semiconductor
HD14001BP HITACHI-HD14001BP Datasheet
62Kb / 6P
   QUADRUPLE 2 INPUT NOR GATE
logo
Texas Instruments
SN74HC02-Q1 TI1-SN74HC02-Q1 Datasheet
230Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74AUC02 TI-SN74AUC02 Datasheet
166Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-Q1 TI1-SN74LVC02A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
74ACT11810 TI1-74ACT11810 Datasheet
92Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATE
SN74HC02-EP TI1-SN74HC02-EP Datasheet
492Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
SN74LVC02A-EP TI1-SN74LVC02A-EP Datasheet
473Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com