Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEI09N6 Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEI09N6
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEI09N6 Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEI09N6 Datasheet HTML 1Page - Chino-Excel Technology CEI09N6 Datasheet HTML 2Page - Chino-Excel Technology CEI09N6 Datasheet HTML 3Page - Chino-Excel Technology CEI09N6 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CEP09N6/CEB09N6
CEI09N6/CEF09N6
N-Channel Enhancement Mode Field Effect Transistor
FEATURES
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
TO-220 & TO-263 & TO-262 package & TO-220F full-pak for through hole.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
f
600
1.25
156
35
9
±30
V
W
A
A
V
W/ C
4 - 34
S
G
D
G
S
D
CEB SERIES
TO-263(DD-PAK)
S
D
G
CEP SERIES
TO-220
CEF SERIES
TO-220F
S
D
G
Type
VDSS
RDS(ON)
ID
@VGS
CEP09N6
CEF09N6
600V
600V
1.2
1.2
9A
9A e
10V
10V
0.38
50
35 e
9 e
CEB09N6
600V
1.2
9A
10V
Lead free product is acquired.
2002.July
http://www.cetsemi.com
CEI09N6
600V
1.2
9A
10V
S
D
G
CEI SERIES
TO-262(I2-PAK)
TO-220/263/262
TO-220F
Operating and Store Temperature Range
Single Pulsed Avalanche Energy d
Single Pulsed Avalanche Current d
EAS
TJ,Tstg
IAS
-55 to 150
9
500
A
mJ
C
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
62.5
0.8
R
θJC
R
θJA
9
500
2.6
65


Similar Part No. - CEI09N6

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEI01N6 CET-CEI01N6 Datasheet
85Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEI02N6 CET-CEI02N6 Datasheet
132Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEI02N6A CET-CEI02N6A Datasheet
125Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEI02N7 CET-CEI02N7 Datasheet
134Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEI04N7 CET-CEI04N7 Datasheet
132Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CEI09N6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com