Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4008BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4008BT
Description  4-bit binary full adder
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4008BT Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4008BT Datasheet HTML 1Page - NXP Semiconductors HEF4008BT Datasheet HTML 2Page - NXP Semiconductors HEF4008BT Datasheet HTML 3Page - NXP Semiconductors HEF4008BT Datasheet HTML 4Page - NXP Semiconductors HEF4008BT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
January 1995
4
Philips Semiconductors
Product specification
4-bit binary full adder
HEF4008B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP. MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
sum in
→ sum out
5
150
300 ns
123 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110 ns
44 ns
+ (0,23 ns/pF) CL
15
40
80 ns
32 ns
+ (0,16 ns/pF) CL
5
135
270 ns
108 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
110 ns
44 ns
+ (0,23 ns/pF) CL
15
40
80 ns
32 ns
+ (0,16 ns/pF) CL
sum in
→ COUT
5
125
250 ns
98 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100 ns
39 ns
+ (0,23 ns/pF) CL
15
35
70 ns
27 ns
+ (0,16 ns/pF) CL
5
100
200 ns
73 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
90 ns
34 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
CIN → sum out
5
130
260 ns
103 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100 ns
39 ns
+ (0,23 ns/pF) CL
15
35
70 ns
27 ns
+ (0,16 ns/pF) CL
5
115
230 ns
88 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100 ns
39 ns
+ (0,23 ns/pF) CL
15
35
70 ns
27 ns
+ (0,16 ns/pF) CL
CIN → COUT
5
90
180 ns
63 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70 ns
24 ns
+ (0,23 ns/pF) CL
15
25
50 ns
17 ns
+ (0,16 ns/pF) CL
5
75
150 ns
48 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
70 ns
24 ns
+ (0,23 ns/pF) CL
15
25
50 ns
17 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL


Similar Part No. - HEF4008BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4000B PHILIPS-HEF4000B Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
HEF4000BD PHILIPS-HEF4000BD Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
HEF4000BF PHILIPS-HEF4000BF Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
HEF4000BN PHILIPS-HEF4000BN Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
HEF4000BP PHILIPS-HEF4000BP Datasheet
77Kb / 5P
   Dual 3-input NOR gate and inverter
January 1995
More results

Similar Description - HEF4008BT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
   4-bit Binary Full Adder
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
Renesas Technology Corp
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
   4-bit Binary Full Adder
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
   4-Bit Binary Full Adder
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
1,005Kb / 9P
   4-BIT BINARY FULL ADDER
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com