Electronic Components Datasheet Search |
|
RSS8-241.8HP Datasheet(PDF) 1 Page - Recom International Power |
|
RSS8-241.8HP Datasheet(HTML) 1 Page - Recom International Power |
1 / 4 page 22 www.recom-international.com July-2006 Selection Guide Part Input Output Output Efficiency Number Voltage Voltage Current SMD (3kV) (VDC) (VDC) (mA) (%) RSS**-xx1.8 (H) 1.8, 3.3, 5, 9, 12, 15, 24 1.8 555 70 RSS**-xx3.3 (H) 1.8, 3.3, 5, 9, 12, 15, 24 3.3 303 75 RSS**-xx05 (H) 1.8, 3.3, 5, 9, 12, 15, 24 5 200 70-78 RSS**-xx09 (H) 1.8, 3.3, 5, 9, 12, 15, 24 9 111 76-78 RSS**-xx12 (H) 1.8, 3.3, 5, 9, 12, 15, 24 12 84 78-80 RSS**-xx15 (H) 1.8, 3.3, 5, 9, 12, 15, 24 15 66 80-84 RSS**-xx24 (H) 1.8, 3.3, 5, 9, 12, 15, 24 24 42 74-85 RSD**-xx1.8 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±1.8 ±278 70 RSD**-xx3.3 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±3.3 ±152 70 RSD**-xx05 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±5 ±100 74-78 RSD**-xx09 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±9 ±56 76-80 RSD**-xx12 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±12 ±42 78-82 RSD**-xx15 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±15 ±33 78-82 RSD**-xx24 (H) 1.8, 3.3, 5, 9, 12, 15, 24 ±24 ±21 80-84 xx = Input Voltage 100 60 20 40 95 50 0 -40 85 150 Operating Temperature °C 0 80 Safe Operating Area 100 Specifications (Core Operating Area) Input Voltage Range ±10% Output Voltage Accuracy ±5% Line Voltage Regulation 1.2%/1% of Vin typ. Load Voltage Regulation 1.8V, 3.3V output types 20% max. (10% to 100% full load) 5V output type 15% max. 9V, 12V, 15V, 24V output types 10% max. Output Ripple and Noise (20MHz limited) 100mVp-p max. Operating Frequency 50kHz min. / 100kHz typ. / 105kHz max. Efficiency at Full Load 70% min. / 80% typ. No Load Power Consumption RSS & RSS8 types 101mW min. / 126mW typ. / 220mW max. RSD & RSD10 types 87mW min. / 130mW typ. / 230mW max. Isolation Voltage (tested for 1 second) 1000VDC min. H-Suffix (tested for 1 second) 3000VDC min. Rated Working Voltage (long term isolation) see Application Notes Isolation Capacitance 15pF min. / 70pF max. Isolation Resistance 10 G Ω min. Short Circuit Protection 1 Second P-Suffix Continuous Operating Temperature Range (free air convection) -40°C to +85°C (see Graph) Storage Temperature Range -55°C to +125°C Reflow Temperature ROHS compliant (for more details see Application Notes) 245°C (30 sec) max. Relative Humidity 95% RH continued on next page 1 Watt SMD Single & Dual Output Derating-Graph (Ambient Temperature) ECONOLINE DC/DC-Converter RSS** & RSD** Series ● 1kVDC Isolation ● Internal SMD Construction ● UL94V-0 Package Material ● Power Density 1.8W/cm3 ● Optional Continuous Short Circuit Protected ● Efficiency to 85% Features Unregulated Converters RSS** : ** without marking denotes standard pinning ** with marking 8 denotes with eight pins RSD** : ** without marking denotes standard pinning ** with marking 10 denotes with ten pins * add Suffix “P” for Continuous Short Circuit Protection, e.g. RSS-051.8/P, RSS-051.8/HP EN-60950-1 Certified EN-60601-1 Certified (suffix H) |
Similar Part No. - RSS8-241.8HP |
|
Similar Description - RSS8-241.8HP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |