Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40098BT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF40098BT
Description  3-state hex inverting buffer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40098BT Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF40098BT Datasheet HTML 1Page - NXP Semiconductors HEF40098BT Datasheet HTML 2Page - NXP Semiconductors HEF40098BT Datasheet HTML 3Page - NXP Semiconductors HEF40098BT Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
January 1995
3
Philips Semiconductors
Product specification
3-state hex inverting buffer
HEF40098B
buffers
DC CHARACTERISTICS
VSS =0V
HEF
VDD
V
VOH
V
VOL
V
SYMBOL
Tamb (°C)
−40
+25
+85
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Output current
5
4,6
1,2
1,0
0,8
mA
HIGH
10
9,5
−IOH
3,8
3,2
2,5
mA
15
13,5
12,0
10,0
8,0
mA
HIGH
5
2,5
−I
OH
3,8
3,2
2,5
mA
Output current
4,75
0,4
3,5
2,9
2,3
mA
LOW
10
0,5 IOL
12,0
10,0
8,0
mA
15
1,5
24,0
20,0
16,0
mA
HEC
VDD
V
VOH
V
VOL
V
SYMBOL
Tamb (°C)
−55
+25
+125
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Output current
5
4,6
1,25
1,0
0,6
mA
HIGH
10
9,5
−IOH
4,0
3,2
2,1
mA
15
12,5
12,5
10,0
6,7
mA
HIGH
5
2,5
−IOH
4,0
3,2
2,1
mA
Output current
4,75
0,4
3,6
2,9
1,9
mA
LOW
10
0,5 IOL
12,5
10,0
6,7
mA
15
1,5
25,0
20,0
13,0
mA
Fig.3 Logic diagram.


Similar Part No. - HEF40098BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098BT NXP-HEF40098BT Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
logo
Nexperia B.V. All right...
HEF40098BT NEXPERIA-HEF40098BT Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
More results

Similar Description - HEF40098BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
MC74HC368A ONSEMI-MC74HC368A Datasheet
123Kb / 7P
   Hex 3-State Inverting Buffer
June, 2013 ??Rev. 2
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com