Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40106BD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF40106BD
Description  Hex inverting Schmitt trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40106BD Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF40106BD Datasheet HTML 1Page - NXP Semiconductors HEF40106BD Datasheet HTML 2Page - NXP Semiconductors HEF40106BD Datasheet HTML 3Page - NXP Semiconductors HEF40106BD Datasheet HTML 4Page - NXP Semiconductors HEF40106BD Datasheet HTML 5Page - NXP Semiconductors HEF40106BD Datasheet HTML 6Page - NXP Semiconductors HEF40106BD Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
January 1995
5
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
HEF40106B
gates
Fig.6
Typical drain current as a function of input
voltage; VDD = 5 V; Tamb =25 °C.
Fig.7
Typical drain current as a function of input
voltage; VDD =10 V; Tamb =25 °C.
Fig.8
Typical drain current as a function of input
voltage; VDD = 15 V; Tamb =25 °C.


Similar Part No. - HEF40106BD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEF40106BD ETC2-HEF40106BD Datasheet
85Kb / 7P
   Hex inverting Schmitt trigger
More results

Similar Description - HEF40106BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com