Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z75VB Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM3Z75VB
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM3Z75VB Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM3Z75VB Datasheet HTML 1Page - Fairchild Semiconductor MM3Z75VB Datasheet HTML 2Page - Fairchild Semiconductor MM3Z75VB Datasheet HTML 3Page - Fairchild Semiconductor MM3Z75VB Datasheet HTML 4Page - Fairchild Semiconductor MM3Z75VB Datasheet HTML 5Page - Fairchild Semiconductor MM3Z75VB Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
MM3Z2V4B-MM3Z75VB Rev. A
Typical Performance Characteristics
Figure 1. Zener current vs. Zener Voltage
Figure 2. Zener current vs. Zener Impedence
Figure 3. MM3Z3V6B
Zener current vs. Zener Voltage
Figure 4. MM3Z6V8C
Zener current vs. Zener Voltage
Figure 5. MM3Z11VB
Zener current vs. Zener Voltage
Figure 6. MM3Z24VB
Zener current vs. Zener Voltage
12
3
4
5
6 7 8 9 10
20
30
0
10
20
30
40
50
MM3Z36VB
MM3Z24VB
T
A
= 25
OC
MM3Z3V6B
MM3Z6V8C
MM3Z11VB
I
Z
- Zener Current, [mA]
0.1
1
10
1
10
100
1000
10000
MM3Z24VB
MM3Z11VB
T
A
= 25
OC
MM3Z36VB
MM3Z3V6B
MM3Z6V8C
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
2.5
3.0
3.5
4.0
4.5
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
6.4
6.6
6.8
7.0
7.2
7.4
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
10.0
10.5
11.0
11.5
12.0
12.5
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]
12
3
4
5
6 7 8 9
20
30
21
22
23
24
25
26
27
28
125
OC
-25
OC
-0
OC
85
OC
100
OC
25
OC
I
Z
- Zener Current, [mA]


Similar Part No. - MM3Z75VB

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z75VB YEASHIN-MM3Z75VB Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SUNMATE electronic Co.,...
MM3Z75VB SUNMATE-MM3Z75VB Datasheet
667Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
MM3Z75VB ONSEMI-MM3Z75VB Datasheet
262Kb / 7P
   Zener Diodes
June, 2021 ??Rev. 1
logo
Tak Cheong Electronics ...
MM3Z75VBW TAK_CHEONG-MM3Z75VBW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Shanghai Shunye Electro...
MM3Z75VBW SY-MM3Z75VBW Datasheet
898Kb / 4P
   200mW Surface Mount Zener Diode
More results

Similar Description - MM3Z75VB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com