Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP57 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NC7SP57
Description  TinyLogic ULP Universal Configurable 2-Input Logic Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP57 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SP57 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP57 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500701
www.fairchildsemi.com
October 2001
Revised March 2004
NC7SP57 • NC7SP58
TinyLogic
 ULP Universal Configurable
2-Input Logic Gates
General Description
The NC7SP57 and the NC7SP58 are Universal Config-
urable 2-Input Logic Gates from Fairchild’s Ultra Low
Power (ULP) Series of TinyLogic
. Ideal for applications
where battery life is critical, this product is designed for
ultra low power consumption within the VCC operating
range of 0.9V to 3.6V. Each device is capable of being con-
figured for 1 of 5 unique 2-input logic functions. Any possi-
ble
2-input
combinatorial
logic
function
can
be
implemented as shown in the Function Selection Table.
Device functionality is selected by how the device is wired
at the board level. Figure 1 through Figure 10 illustrate how
to connect the NC7SP57 and NC7SP58 respectively for
the desired logic function. All inputs have been imple-
mented with hysteresis.
The internal circuit is composed of a minimum of inverter
stages including the output buffer, to enable ultra low
dynamic power.
The NC7SP57 and NC7SP58, for lower drive require-
ments, are uniquely designed for optimized power and
speed, and are fabricated with an advanced CMOS tech-
nology to achieve best in class operation while maintaining
extremely low CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s tPD
5 ns typ for 3.0V to 3.6V VCC
6 ns typ for 2.3V to 2.7V VCC
8 ns typ for 1.65V to 1.95V VCC
10 ns typ for 1.40V to 1.60V VCC
14 ns typ for 1.10V to 1.30V VCC
40 ns typ for 0.90V VCC
s Power-Off high impedance inputs and outputs
s Static Drive (IOH/IOL)
±2.6 mA @ 3.00V V
CC
±2.1 mA @ 2.30V V
CC
±1.5 mA @ 1.65V V
CC
±1.0 mA @ 1.40V V
CC
±0.5 mA @ 1.10V V
CC
±20 µA@ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low dynamic power
Ordering Code:
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
Quiet Series
 and MicroPak are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SP57P6X
MAA06A
P57
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SP57L6X
MAC06A
K9
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
NC7SP58P6X
MAA06A
P58
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SP58L6X
MAC06A
L3
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Similar Part No. - NC7SP57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
NC7SP57 ONSEMI-NC7SP57 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SP57L6X FAIRCHILD-NC7SP57L6X Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57L6X ONSEMI-NC7SP57L6X Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
More results

Similar Description - NC7SP57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
   TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
   TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
   TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57_V01 Datasheet
262Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
February, 2021 ??Rev. 1
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
   TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
   TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
   TinyLogic UHS Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
   TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
   TinyLogic ULP Universal Configurable
Revised March 2004
logo
Fairchild Semiconductor
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
   TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com