Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F3S49092 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # F3S49092
Description  20A/10A, 12V, 0.060/0.140 Ohm, Logic Level, Complementary Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

F3S49092 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button F3S49092 Datasheet HTML 4Page - Fairchild Semiconductor F3S49092 Datasheet HTML 5Page - Fairchild Semiconductor F3S49092 Datasheet HTML 6Page - Fairchild Semiconductor F3S49092 Datasheet HTML 7Page - Fairchild Semiconductor F3S49092 Datasheet HTML 8Page - Fairchild Semiconductor F3S49092 Datasheet HTML 9Page - Fairchild Semiconductor F3S49092 Datasheet HTML 10Page - Fairchild Semiconductor F3S49092 Datasheet HTML 11Page - Fairchild Semiconductor F3S49092 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©2004 Fairchild Semiconductor Corporation
RF3S49092SM Rev. C
FIGURE 25. FORWARD BIAS SAFE OPERATING AREA
FIGURE 26. PEAK CURRENT CAPABILITY
NOTE:
Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 27. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 28. SATURATION CHARACTERISTICS
FIGURE 29. TRANSFER CHARACTERISTICS
FIGURE 30. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
Typical Performance Curves (P-Channel) (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
-1
-10
-50
-1
-100
-10
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
5ms
100ms
10ms
1s
DC
TJ = MAX RATED, TC = 25
oC
t, PULSE WIDTH (s)
-200
-1
10-5
10-4
10-3
10-2
10-1
100
101
VGS = -5V
-10
VGS = -10V
I
= I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TC = 25
oC
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
-100
0.1
1
100
-10
0.01
-100
-1
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
10
0
-10
-20
0
-1
-2-3-4
- 7
-30
-40
VGS = -4V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
VGS = -5V
VGS = -3V
VGS = -4.5V
PULSE DURATION = 80
µs,
TC = 25
oC
-5
-6
DUTY CYCLE = 0.5% MAX
25oC
0
-4-6-8
-10
-2
0
-10
-20
-30
-40
175oC
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
VDD = -6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
100
200
300
400
500
0
0-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = -3A
-2
ID = -10A
ID = -6A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
RF3S49092SM


Similar Part No. - F3S49092

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
F3S3 EDAL-F3S3 Datasheet
839Kb / 2P
   Silicon Power Rectifiers
logo
Galaxy Semi-Conductor H...
F3SPB30K BILIN-F3SPB30K Datasheet
472Kb / 4P
   Silicon Bridge Rectifiers
F3SPB30M BILIN-F3SPB30M Datasheet
472Kb / 4P
   Silicon Bridge Rectifiers
More results

Similar Description - F3S49092

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF3V49092 INTERSIL-RF3V49092 Datasheet
244Kb / 13P
   20A/10A, 12V, 0.060/0.140 Ohm, Logic Level, Complementary Power MOSFET
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
   10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
   10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
   10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com