Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC42V5258 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MGFC42V5258
Description  5.2 - 5.8GHz BAND 16W INTERNALLY MATCHED GaAs FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC42V5258 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFC42V5258 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC42V5258 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - MGFC42V5258

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC42V5258 MITSUBISHI-MGFC42V5258 Datasheet
192Kb / 2P
   5.2 - 5.8GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC42V5258 MITSUBISHI-MGFC42V5258_04 Datasheet
192Kb / 2P
   5.2 - 5.8GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC42V5258 MITSUBISHI-MGFC42V5258_12 Datasheet
194Kb / 2P
   5.2 - 5.8GHz BAND 16W INTERNALLY MATCHED GaAs FET
More results

Similar Description - MGFC42V5258

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC42V5258 MITSUBISHI-MGFC42V5258_04 Datasheet
192Kb / 2P
   5.2 - 5.8GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC42V5258 MITSUBISHI-MGFC42V5258_12 Datasheet
194Kb / 2P
   5.2 - 5.8GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC40V5258 MITSUBISHI-MGFC40V5258_04 Datasheet
209Kb / 2P
   5.2 - 5.8GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC36V5258 MITSUBISHI-MGFC36V5258 Datasheet
95Kb / 2P
   5.2 - 5.8GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC36V5258 MITSUBISHI-MGFC36V5258_04 Datasheet
893Kb / 3P
   5.2 - 5.8GHz BAND 4W INTERNALLY MATCHED GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258 Datasheet
97Kb / 2P
   5.2 - 5.8GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_97 Datasheet
305Kb / 3P
   5.2 - 5.8GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC40V5258 MITSUBISHI-MGFC40V5258 Datasheet
79Kb / 2P
   5.2 - 5.8GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC42V6472 MITSUBISHI-MGFC42V6472 Datasheet
83Kb / 2P
   6.4 - 7.2GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC42V3436 MITSUBISHI-MGFC42V3436 Datasheet
142Kb / 2P
   3.4 - 3.6GHz BAND 16W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com