Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40174B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF40174B
Description  Hex D-type flip-flop
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40174B Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF40174B Datasheet HTML 1Page - NXP Semiconductors HEF40174B Datasheet HTML 2Page - NXP Semiconductors HEF40174B Datasheet HTML 3Page - NXP Semiconductors HEF40174B Datasheet HTML 4Page - NXP Semiconductors HEF40174B Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
January 1995
4
Philips Semiconductors
Product specification
Hex D-type flip-flop
HEF40174B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN. TYP. MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP
→ On
5
75
155 ns
48 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
30
65 ns
19 ns
+ (0,23 ns/pF) CL
15
20
45 ns
12 ns
+ (0,16 ns/pF) CL
5
75
155 ns
48 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
65 ns
19 ns
+ (0,23 ns/pF) CL
15
20
45 ns
12 ns
+ (0,16 ns/pF) CL
MR
→ On
5
85
175 ns
58 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70 ns
24 ns
+ (0,23 ns/pF) CL
15
25
50 ns
17 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120 ns
10 ns
+
(1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+
(1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
Set-up time
5
20
10
ns
see also waveforms
Fig.4
Dn → CP
10
tsu
10
5
ns
15
10
5
ns
Hold time
5
10
0
ns
Dn → CP
10
thold
50
ns
15
5
0
ns
Minimum clock
5
70
35
ns
pulse width; LOW
10
tWCPL
30
15
ns
15
20
10
ns
Minimum MR pulse
5
70
35
ns
width; LOW
10
tWMRL
35
15
ns
15
25
10
ns
Recovery time
5
45
25
ns
for MR
10
tRMR
20
10
ns
15
15
5
ns
Maximum clock
5
5
11
MHz
pulse frequency
10
fmax
15
30
MHz
15
20
45
MHz


Similar Part No. - HEF40174B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40175B PHILIPS-HEF40175B Datasheet
62Kb / 5P
   Quadruple D-type flip-flop
January 1995
HEF40175B NXP-HEF40175B Datasheet
139Kb / 15P
   Quad D-type flip-flop Standardized symmetrical output characteristics
Rev. 6-14 December 2010
HEF40175B NXP-HEF40175B Datasheet
152Kb / 15P
   Quad D-type flip-flop Complies with JEDEC standard JESD 13-B
Rev. 7-3 May 2011
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
NXP Semiconductors
HEF40175BD PHILIPS-HEF40175BD Datasheet
62Kb / 5P
   Quadruple D-type flip-flop
January 1995
More results

Similar Description - HEF40174B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com