Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY266P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TNY266P
Description  4.9W DVD power supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY266P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TNY266P_1 Datasheet HTML 6Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 7Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 8Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 9Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 10Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 11Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 12Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 13Page - Power Integrations, Inc. TNY266P_1 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DER-10
4.9W DVD power supply using TNY266P
February 4, 2004
Page 10 of 22
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
8
Transformer Specification
8.1
Electrical Diagram
80T
1
3
10
1T X 3
13
11
17T
12
3T X 3
5T
14
Primary
NC
1
Shield
Copper
7
6
20T x 2
Bias
+12 V
+5 V
+3.3 V
-23 V
W2
W3
W1
W6
W5
W4
W7
Figure 4 –Transformer Electrical Diagram
8.2
Electrical Specifications
Electrical Strength
1 second, 60 Hz, from Pins 1-7 to Pins 8-14
3000 VAC
Primary Inductance
Pins 1-3, all other windings open, measured at
132 kHz, 0.4 VRMS
1909
µH, -
10/+10%
Resonant Frequency
Pins 1-3, all other windings open
400 kHz (Min.)
Primary Leakage Inductance
Pins 1-3, with Pins 8-14 shorted, measured at
132 kHz, 0.4 VRMS
35
µH (Max.)
8.3
Materials
Item
Description
[1]
Core: EEL25, TDK Gapped for AL of 298 nH/T
2
[2]
Bobbin: EEL25 Vertical 14 pins
[3]
Magnet Wire: #28 AWG
[4]
Copper Foil 0.12 mm thick, 16 mm wide.
[5]
Tape: 3M 1298 Polyester Film, 16 mm wide
[6]
Tape: 3M 1298 Polyester Film, 22 mm wide
[7]
Margin tape: 3M # 44 Polyester web. 3.0 mm wide


Similar Part No. - TNY266P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PN POWERINT-TNY266PN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY266PN POWERINT-TNY266PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PN-TL POWERINT-TNY266PN-TL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY266P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
TNY267P POWERINT-TNY267P_1 Datasheet
424Kb / 20P
   9W DVD power supply
TOP245P POWERINT-TOP245P Datasheet
1Mb / 35P
   17W (25W peak) DVD Recorder Power Supply
logo
STMicroelectronics
AN1948 STMICROELECTRONICS-AN1948 Datasheet
676Kb / 23P
   DVD combo power supply with the VIPer53-E
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
   20 W (25 W peak) DVD Supply
logo
Lowpower Semiconductor ...
LPA2160 POWER-LPA2160 Datasheet
640Kb / 11P
   Charge Pump 4.9W AB/D
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
logo
Power Integrations, Inc...
DI-33 POWERINT-DI-33 Datasheet
59Kb / 2P
   Wide Range DVD Supply: <50 mW No-load Consumption
logo
Rohm
BA5955FP ROHM-BA5955FP Datasheet
315Kb / 7P
   Power Driver for DVD-RAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com