Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN182245ASSC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SCAN182245ASSC
Description  Non-Inverting Transceiver with 25ohm Series Resistor Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN182245ASSC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SCAN182245ASSC Datasheet HTML 3Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 4Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 5Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 6Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 7Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 8Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 9Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 10Page - Fairchild Semiconductor SCAN182245ASSC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
Description of BOUNDARY-SCAN Circuitry (Continued)
BOUNDARY-SCAN Register Definition Index
Bit No. Pin Name Pin No. Pin Type Scan Cell Type
Bit No. Pin Name Pin No. Pin Type Scan Cell Type
79 DIR1
3
Input
TYPE1
Control
Signals
35 B10
2
Input
TYPE1
B1–in
78 G1
54
Input
TYPE1
34 B11
4
Input
TYPE1
77 AOE1
Internal
TYPE2
33 B12
5
Input
TYPE1
76 BOE1
Internal
TYPE2
32 B13
7
Input
TYPE1
75 DIR2
26
Input
TYPE1
31 B14
8
Input
TYPE1
74 G2
31
Input
TYPE1
30 B15
10
Input
TYPE1
73 AOE2
Internal
TYPE2
29 B16
11
Input
TYPE1
72 BOE2
Internal
TYPE2
28 B17
13
Input
TYPE1
71 A10
55
Input
TYPE1
A1–in
27 B18
14
Input
TYPE1
70 A11
53
Input
TYPE1
26 B20
15
Input
TYPE1
B2–in
69 A12
52
Input
TYPE1
25 B21
16
Input
TYPE1
68 A13
50
Input
TYPE1
24 B22
18
Input
TYPE1
67 A14
49
Input
TYPE1
23 B23
19
Input
TYPE1
66 A15
47
Input
TYPE1
22 B24
21
Input
TYPE1
65 A16
46
Input
TYPE1
21 B25
22
Input
TYPE1
64 A17
44
Input
TYPE1
20 B26
24
Input
TYPE1
63 A18
43
Input
TYPE1
19 B27
25
Input
TYPE1
62 A20
42
Input
TYPE1
A2–in
18 B28
27
Input
TYPE1
61 A21
41
Input
TYPE1
17 A10
55
Output
TYPE2
A1–out
60 A22
39
Input
TYPE1
16 A11
53
Output
TYPE2
59 A23
38
Input
TYPE1
15 A12
52
Output
TYPE2
58 A24
36
Input
TYPE1
14 A13
50
Output
TYPE2
57 A25
35
Input
TYPE1
13 A14
49
Output
TYPE2
56 A26
33
Input
TYPE1
12 A15
47
Output
TYPE2
55 A27
32
Input
TYPE1
11 A16
46
Output
TYPE2
54 A28
30
Input
TYPE1
10 A17
44
Output
TYPE2
53 B10
2
Output
TYPE2
B1–out
9A18
43
Output
TYPE2
52 B11
4
Output
TYPE2
8 A20
42
Output
TYPE2
A2–out
51 B12
5
Output
TYPE2
7 A21
41
Output
TYPE2
50 B13
7
Output
TYPE2
6 A22
39
Output
TYPE2
49 B14
8
Output
TYPE2
5 A23
38
Output
TYPE2
48 B15
10
Output
TYPE2
4 A24
36
Output
TYPE2
47 B16
11
Output
TYPE2
3 A25
35
Output
TYPE2
46 B17
13
Output
TYPE2
2 A26
33
Output
TYPE2
45 B18
14
Output
TYPE2
1 A27
32
Output
TYPE2
44 B20
15
Output
TYPE2
B2–out
0A28
30
Output
TYPE2
43 B21
16
Output
TYPE2
42 B22
18
Output
TYPE2
41 B23
19
Output
TYPE2
40 B24
21
Output
TYPE2
39 B25
22
Output
TYPE2
38 B26
24
Output
TYPE2
37 B27
25
Output
TYPE2
36 B28
27
Output
TYPE2


Similar Part No. - SCAN182245ASSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN182245ASSC NSC-SCAN182245ASSC Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
SCAN182245ASSCQB NSC-SCAN182245ASSCQB Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
SCAN182245ASSCX NSC-SCAN182245ASSCX Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
More results

Similar Description - SCAN182245ASSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN182245A NSC-SCAN182245A Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
logo
Fairchild Semiconductor
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
   Non-Inverting Line Driver with 25ohm Series Resistor Outputs
SCAN182373A FAIRCHILD-SCAN182373A Datasheet
104Kb / 12P
   Transparent Latch with 25ohm Series Resistor Outputs
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
   Non-Inverting Transceiver with 3-STATE Outputs
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com