Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75374 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75374
Description  QUADRUPLE MOSFET DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75374 Datasheet HTML 2Page - Texas Instruments SN75374 Datasheet HTML 3Page - Texas Instruments SN75374 Datasheet HTML 4Page - Texas Instruments SN75374 Datasheet HTML 5Page - Texas Instruments SN75374 Datasheet HTML 6Page - Texas Instruments SN75374 Datasheet HTML 7Page - Texas Instruments SN75374 Datasheet HTML 8Page - Texas Instruments SN75374 Datasheet HTML 9Page - Texas Instruments SN75374 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028A − SEPTEMBER 1988 − REVISED NOVEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
70
60
50
40
30
20
10
80
0
250
225
200
175
150
125
100
75
25
50
0
CL = 200 pF
CL = 50 pF
0
50
80
0
10
20
30
40
50
60
70
25
75
100
125
150
175
200
225
250
CL = 4000 pF
CL = 2000 pF
CL = 1000 pF
CL = 200 pF
CL = 50 pF
PROPAGATION DELAY TIME
LOW- TO HIGH-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
PROPAGATION DELAY TIME
HIGH- TO LOW-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VCC1 = 5 V
VCC2 = 20 V
VCC3 = 24 V
RD = 24 Ω
See Figure 1
See Figure 1
RD = 24 Ω
VCC3 = 24V
VCC2 = 20V
VCC1 = 5V
CL = 4000 pF
CL = 2000 pF
CL = 1000 pF
Figure 6
Figure 7
20
15
10
525
0
50
25
75
100
125
150
175
200
225
250
0
CL = 4000 pF
CL = 2000 pF
CL = 1000 pF
CL = 200 pF
CL = 50 pF
025
510
15
20
250
225
200
175
150
125
100
75
25
50
0
CL = 2000 pF
CL = 1000 pF
CL = 200 pF
CL = 50 pF
PROPAGATION DELAY TIME
LOW-TO HIGH-LEVEL OUTPUT
vs
VCC2 SUPPLY VOLTAGE
VCC2 − Supply Voltage − V
PROPAGATION DELAY TIME
HIGH- TO LOW-LEVEL OUTPUT
vs
VCC2 SUPPLY VOLTAGE
VCC2 − Supply Voltage − V
See Figure 1
TA = 25°C
RD = 24 Ω
VCC3 = VCC2 + 4 V
VCC1 = 5 V
VCC1 = 5 V
VCC3 = VCC2 + 4 V
RD = 24 Ω
TA = 25°C
See Figure 1
CL = 4000 pF
Figure 8
Figure 9


Similar Part No. - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374D TI-SN75374D Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374D TI1-SN75374D Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374DE4 TI1-SN75374DE4 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com