Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN752232 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN752232
Description  DUAL RS-232 PORT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN752232 Datasheet(HTML) 5 Page - Texas Instruments

  SN752232_06 Datasheet HTML 1Page - Texas Instruments SN752232_06 Datasheet HTML 2Page - Texas Instruments SN752232_06 Datasheet HTML 3Page - Texas Instruments SN752232_06 Datasheet HTML 4Page - Texas Instruments SN752232_06 Datasheet HTML 5Page - Texas Instruments SN752232_06 Datasheet HTML 6Page - Texas Instruments SN752232_06 Datasheet HTML 7Page - Texas Instruments SN752232_06 Datasheet HTML 8Page - Texas Instruments SN752232_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN752232
DUAL RS-232 PORT
SLLS507 – JUNE 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = –12 V, TA = 25°C (see Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low- to high-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF
315
500
ns
tPHL
Propagation delay time,
high- to low-level output
RL = 3 kΩ to 7 kΩ,
CL = 15 pF
75
175
ns
tTLH
Transition time low to high level output
RL =3kΩ to7kΩ
CL = 15 pF
60
100
ns
tTLH
Transition time, low- to high-level output
RL = 3 kΩ to 7 kΩ
CL = 2500 pF,
See Note 6
1.7
2.5
µs
tTHL
Transition time high to low level output
RL =3kΩ to7kΩ
CL = 15 pF
40
75
ns
tTHL
Transition time, high- to low-level output
RL = 3 kΩ to 7 kΩ
CL = 2500 pF,
See Note 6
1.5
2.5
µs
NOTE 6: Measured between
±3-V and ±3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied either high
or low.
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Positive going input threshold voltage
TA = 25°C
See Figure 5
1.75
1.9
2.3
V
VIT+
Positive-going input threshold voltage
TA = 0°C to 70 °C
See Figure 5
1.55
2.3
V
VIT–
Negative-going input threshold voltage
0.75
0.97
1.25
V
Vhys
Input hysteresis voltage (VIT+ – VIT–)
0.5
V
VOH
High level output voltage
IOH = 05 mA
VIH = 0.75 V
2.6
4
5
V
VOH
High-level output voltage
IOH = –0.5 mA
Inputs open
2.6
V
VOL
Low-level input voltage
IOL = 10 mA,
VI = 3 V
0.2
0.45
V
IIH
High level input current
VI = 25 V,
See Figure 5
3.6
8.8
mA
IIH
High-level input current
VI = 3 V,
See Figure 5
0.43
mA
IIL
Low level output current
VI = –25 V,
See Figure 5
–3.6
–8.8
mA
IIL
Low-level output current
VI = –3 V,
See Figure 5
–0.43
mA
IOS
Short-circuit output current
See Figure 4
–3.4
–12
mA
† All typical values are at TA = 25°C, VCC = 5 V, VDD = 9 V, and VSS = –9 V.
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = –12 V, TA = 25°C (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
107
250
ns
tPHL
Propagation delay time, high- to low-level output
CL =50 pF
RL =5kΩ
42
150
ns
tTLH
Transition time, low- to high-level output
CL = 50 pF,
RL = 5 kΩ
175
350
ns
tTHL
Transition time, high- to low-level output
16
60
ns
tPLH
Propagation delay time, low- to high-level output
100
160
ns
tPHL
Propagation delay time, high- to low-level output
CL =15 pF
RL =15kΩ
60
100
ns
tTLH
Transition time, low- to high-level output
CL = 15 pF,
RL = 1.5 kΩ
90
175
ns
tTHL
Transition time, high- to low-level output
15
50
ns


Similar Part No. - SN752232_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN752232DGG TI-SN752232DGG Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
SN752232DL TI-SN752232DL Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
More results

Similar Description - SN752232_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN752232 TI-SN752232 Datasheet
171Kb / 11P
[Old version datasheet]   DUAL RS-232 PORT
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
   High ESD Dual Port RS-232 Transceiver
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
ADL Embedded Solutions
104-COM232-8 ADL-104-COM232-8 Datasheet
356Kb / 2P
   8-port RS-232
logo
Advantech Co., Ltd.
232PTC9 ADVANTECH-232PTC9 Datasheet
328Kb / 1P
   RS-232 Port Combiner
ADAM-5090 ADVANTECH-ADAM-5090_14 Datasheet
232Kb / 1P
   4-port RS-232 Module
ADAM-5090 ADVANTECH-ADAM-5090 Datasheet
584Kb / 1P
   4-port RS-232 Module
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com