Electronic Components Datasheet Search |
|
SN75437ANE Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SN75437ANE Datasheet(HTML) 3 Page - Texas Instruments |
3 / 7 page SN75437A QUADRUPLE PERIPHERAL DRIVER SLRS019B – DECEMBER 1986 – REVISED SEPTEMBER 2000 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK Input clamp voltage VCC = 4.75 V, II = – 12 mA – 0.9 – 1.5 V VOL Low level output voltage VCC = 4.75 V, IOL = 250 mA 0.14 0.25 V VOL Low-level output voltage CC , VIH = 2 V IOL = 500 mA 0.28 0.5 V VR(K) Output clamp-diode reverse voltage VCC = 4.75 V, IR = 100 µA 70 100 V VF(K) Output clamp-diode forward voltage IF = 500 mA 1 1.6 V IOH High level output current VCC = 4.75 V, VIH = 2 V, 1 100 µA IOH High-level output current CC , VIL = 0.8 V, IH , VOH = 70 V 1 100 µA IIH High-level input current VCC = 5.25 V, VI = 5.25 V 0.1 10 µA IIL Low-level input current VCC = 5.25 V, VI = 0.8 V – 0.25 –10 µA ICCH Supply current, outputs high VCC = 5.25 V, VI = 0 1 4 mA ICCL Supply current, outputs low VCC = 5.25 V, VI = 5 V 45 65 mA † All typical values are at VCC = 5 V, TA = 25°C. switching characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT tPLH Propagation delay time, low-to-high-level output 1950 5000 ns tPHL Propagation delay time, high-to-low-level output CL = 30 pF, RL = 60 Ω, 150 500 ns tTLH Transition time, low-to-high-level output L , See Figure 1 L , 40 ns tTHL Transition time, high-to-low-level output 36 ns VOH High level output voltage after switching VS = 35 V, IO ≈ 500 mA, VS 10 mV VOH High-level output voltage after switching S , RL = 70 Ω, O , See Figure 2 VS – 10 mV |
Similar Part No. - SN75437ANE |
|
Similar Description - SN75437ANE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |