Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75175D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75175D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75175D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75175D Datasheet HTML 2Page - Texas Instruments SN75175D Datasheet HTML 3Page - Texas Instruments SN75175D Datasheet HTML 4Page - Texas Instruments SN75175D Datasheet HTML 5Page - Texas Instruments SN75175D Datasheet HTML 6Page - Texas Instruments SN75175D Datasheet HTML 7Page - Texas Instruments SN75175D Datasheet HTML 8Page - Texas Instruments SN75175D Datasheet HTML 9Page - Texas Instruments SN75175D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN65175, SN75175
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS145C − OCTOBER 1990 − REVISED NOVEMBER 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
VOLTAGE WAVEFORMS
TEST CIRCUIT
tPLZ
tPZL
1.4 V
tPHZ
SW2 Closed
tPHZ
Output
Input
1.5 V
0 V
VOH
3 V
SW1 to 1.5 V
SW3 Closed
SW3 Closed
SW2 Open
SW1 to 1.5 V
tPZH
3 V
tPZH
0 V
VOH
0 V
1.5 V
1.5 V
Input
Output
Output
Input
3 V
3 V
SW3 Closed
3 V
1.4 V
0 V
VOL
tPLZ
SW1 to −1.5 V
SW2 Closed
1.5 V
4.5 V
SW3 Open
SW2 Closed
SW1 to −1.5 V
tPZL
1.5 V
5 V
SW2
See Note C
SW3
5 k
51
SW1
−1.5 V
1.5 V
VOL
0 V
Output
Input
CL
(see Note B)
Output
2 k
0.5 V
0.5 V
Generator
(see Note A)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tf ≤ 6 ns,
tr ≤ 6 ns, ZO = 50 Ω.
B. CL includes probe and stray capacitance.
C. All diodes are 1N916 or equivalent.
Figure 3. Test Circuit and Voltage Waveforms


Similar Part No. - SN75175D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN75175D MOTOROLA-SN75175D Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Texas Instruments
SN75175D TI-SN75175D Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175D TI1-SN75175D Datasheet
1,010Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175DE4 TI1-SN75175DE4 Datasheet
1,010Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75175DG4 TI1-SN75175DG4 Datasheet
1,010Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75175D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI1-AM26LS32AC_16 Datasheet
1Mb / 27P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55173 TI1-SN55173_15 Datasheet
791Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN65175 TI-SN65175 Datasheet
152Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI1-SN55ALS195_14 Datasheet
415Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com