Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1185 Datasheet(PDF) 9 Page - Texas Instruments

Part # 1185
Description  Single Chip Low Cost Low Power RF-Transmitter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1185 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 1185 Datasheet HTML 5Page - Texas Instruments 1185 Datasheet HTML 6Page - Texas Instruments 1185 Datasheet HTML 7Page - Texas Instruments 1185 Datasheet HTML 8Page - Texas Instruments 1185 Datasheet HTML 9Page - Texas Instruments 1185 Datasheet HTML 10Page - Texas Instruments 1185 Datasheet HTML 11Page - Texas Instruments 1185 Datasheet HTML 12Page - Texas Instruments 1185 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
CC1150
Preliminary Data Sheet (rev. 1.0.)
SWRS037
Page 9 of 49
Pin # Pin name
Pin type
Description
1
SCLK
Digital Input
Serial configuration interface, clock input
2
SO
(GDO1)
Digital Output
Serial configuration interface, data output.
Optional general output pin when CSn is high
3
DVDD
Power (Digital)
1.8V-3.6V digital power supply for digital I/Oís and for the digital core
voltage regulator
4
DCOUPL
Power (Digital)
1.6V-2.0V digital power supply output for decoupling.
NOTE: This pin is intended for use with the CC1150 only. It can not be
used to provide supply voltage to other devices.
5
XOSC_Q1
Analog I/O
Crystal oscillator pin 1, or external clock input
6
AVDD
Power (Analog)
1.8V-3.6V analog power supply connection
7
XOSC_Q2
Analog I/O
Crystal oscillator pin 2
8
GDO0
(ATEST)
Digital I/O
Digital output pin for general use:
• Test signals
• FIFO status signals
• Clock output, down-divided from XOSC
• Serial input TX data
Also used as analog test I/O for prototype/production testing
9
CSn
Digital Input
Serial configuration interface, chip select
10
RF_P
RF I/O
Positive RF output signal from PA
11
RF_N
RF I/O
Negative RF output signal from PA
12
AVDD
Power (Analog)
1.8V-3.6V analog power supply connection
13
AVDD
Power (Analog)
1.8V-3.6V analog power supply connection
14
RBIAS
Analog I/O
External bias resistor for reference current
15
DGUARD
Power (Digital)
Power supply connection for digital noise isolation
16
SI
Digital Input
Serial configuration interface, data input
Table 11: Pinout overview
13 Circuit Description
BIAS
XOSC_Q1 XOSC_Q2
XOSC
FREQ
SYNTH
RADIO CONTROL
RF_P
RF_N
CSn
SI
SO (GDO1)
SCLK
GDO0 (ATEST)
RBIAS
PA
Figure 2: CC1150 Simplified Block Diagram
A simplified block diagram of CC1150 is shown
in Figure 2.
The CC1150 transmitter is based on direct
synthesis of the RF frequency. The frequency
synthesizer includes a completely on-chip LC
VCO.
A crystal is to be connected to XOSC_Q1 and
XOSC_Q2. The crystal oscillator generates the


Similar Part No. - 1185

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11850 ETC-11850 Datasheet
125Kb / 1P
   Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11850 HEYCO-11850 Datasheet
123Kb / 1P
   Nylon Male/Female Threaded Hex Supports
logo
Weidmuller
1185060000 WEIDMULLER-1185060000 Datasheet
744Kb / 20P
   Component Carriers and Housings
1185060000 WEIDMULLER-1185060000 Datasheet
733Kb / 20P
   Component Carriers and Housings
logo
List of Unclassifed Man...
11851 ETC-11851 Datasheet
125Kb / 1P
   Heyco짰 Nylon Male/Female Threaded Hex Supports
More results

Similar Description - 1185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com