Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA17AN1522R0A2B Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # PLA17AN1522R0A2B
Description  EMI Suppression Filters for AC Power Lines
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLA17AN1522R0A2B Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button PLA17AN1522R0A2B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLA17AN1522R0A2B Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
8
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
(in mm)
18 max.
13
±0.5
10
±0.5
16 max.
ø0.9 max.
(1)
[(2)]
(4)
[(3)]
(4)
[(1)]
(3)
[(2)]
Standard Winding Type
(in mm)
16 max.
18 max.
13
±0.5
10
±0.5
ø0.9 max.
(1)
(4)
[(2)]
(4)
[(1)]
(3)
[(2)]
[(3)]
Sectional Winding Type
PLA10 Series (Safety Standard Recognized)
Part Number
Common Mode Inductance
(min.)
(mH)
Rated Current
(A)
Rated Voltage
(V)
Insulation Resistance
(min.)
(M ohm)
PLA10AS1522R0R2
1.5
2.0
250
100
PLA10AS1821R7R2
1.8
1.7
250
100
PLA10AS2221R5R2
2.2
1.5
250
100
PLA10AS3021R3R2
3.0
1.3
250
100
PLA10AS3521R2R2
3.5
1.2
250
100
PLA10AS5521R0R2
5.5
1.0
250
100
PLA10AS7420R8R2
7.4
0.8
250
100
PLA10AS1030R7R2
10.0
0.7
250
100
PLA10AS1230R6R2
12.0
0.6
250
100
PLA10AS2030R5R2
20.0
0.5
250
100
PLA10AS3030R4R2
30.0
0.4
250
100
PLA10AS4330R3R2
43.0
0.3
250
100
Operating Temperature Range : -25
°C to 60°C
Winding Temperature Rise (at Rated Current) (max.): 60K
Part Number
Common Mode Inductance
(min.)
(mH)
Rated Current
(A)
Rated Voltage
(V)
Insulation Resistance
(min.)
(M ohm)
PLA10AS9012R0D2
0.9
2.0
250
100
PLA10AS1321R7D2
1.3
1.7
250
100
PLA10AS1821R5D2
1.8
1.5
250
100
PLA10AS2021R3D2
2.0
1.3
250
100
PLA10AS3621R0D2
3.6
1.0
250
100
PLA10AS7720R7D2
7.7
0.7
250
100
PLA10AS1330R5D2
13.0
0.5
250
100
PLA10AS2230R4D2
22.0
0.4
250
100
PLA10AS3630R3D2
36.0
0.3
250
100
Operating Temperature Range : -25
°C to 60°C
Winding Temperature Rise (at Rated Current) (max.): 60K
o Standard Winding Type
o Sectional Winding Type
s Features
1. Compact and light weight
2. Low profile in vertical core layout
3. Both a standard winding type and a sectional
winding type for higher frequency noise are
available.
4. Safety standards: EN60065
s Applications
Noise suppression of AC power lines
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C09E.pdf
06.2.9


Similar Part No. - PLA17AN1522R0A2B

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA170 CLARE-PLA170 Datasheet
625Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
PLA170 IXYS-PLA170 Datasheet
122Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA170S CLARE-PLA170S Datasheet
625Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
PLA170S IXYS-PLA170S Datasheet
122Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA170STR CLARE-PLA170STR Datasheet
625Kb / 5P
   Single Pole OptoMOS Relay
More results

Similar Description - PLA17AN1522R0A2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com