Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA10AS1522R0B2B Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # PLA10AS1522R0B2B
Description  EMI Suppression Filters for AC Power Lines
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLA10AS1522R0B2B Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  PLA10AS1522R0B2B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLA10AS1522R0B2B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
EMI (Electro Magnetic Interference) suppression filter for AC
power lines eliminate noise entering equipment from
commercial power lines or noise generated from electronic
equipment.
Common mode chokes, line bypass capacitors, across the
line capacitors are generally used as AC EMI suppression
filter device. In suppressing common mode noise, common
mode chokes are most important devices. Because the
characteristics of common mode chokes influences
performance of total filter block MURATA provides two types
of common mode chokes. (Standard type, High frequency
type)
Hybrid choke coil is high performance EMI suppression
device which can suppress both common mode noise and
differential mode noise at the same time. It is effective in AC
power supplies with active device for higher harmonic
countermeasure, which tend to emit relatively higher
differential mode noise.
s Classification of EMI Suppression Filter for AC Power Lines
Product Name
Common Mode Choke Coil
Standard Type
Suppression of general
common mode noise
Suppression of common mode
noise contains high frequency
noise above 10MHz
Suppression of conduction
noise in AC power line with
active device for higher
harmonic countermeasure.
Suppression of AC power line
noise which contains both
common mode noise and
differential mode noise.
PLA10
PLH10
PLY10
High Frequency Type
Hybrid Choke Coil
Hybrid Choke Coil
Appearance
Effective Frequency Range (Hz)
10k
100k
1M
10M
100M
1G
Application
Outline of EMI Suppression Filter (EMIFILr) for AC Power Lines
For AC power supply,
AC adaptor.
Set for low profile equipment.
FKOB
PLY17
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C09E.pdf
06.2.9


Similar Part No. - PLA10AS1522R0B2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLA10AS1522R0R2M MURATA-PLA10AS1522R0R2M Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
More results

Similar Description - PLA10AS1522R0B2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com