Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4017BN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4017BN
Description  5-stage Johnson counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4017BN Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4017BN Datasheet HTML 1Page - NXP Semiconductors HEF4017BN Datasheet HTML 2Page - NXP Semiconductors HEF4017BN Datasheet HTML 3Page - NXP Semiconductors HEF4017BN Datasheet HTML 4Page - NXP Semiconductors HEF4017BN Datasheet HTML 5Page - NXP Semiconductors HEF4017BN Datasheet HTML 6Page - NXP Semiconductors HEF4017BN Datasheet HTML 7Page - NXP Semiconductors HEF4017BN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
January 1995
4
Philips Semiconductors
Product specification
5-stage Johnson counter
HEF4017B
MSI
FUNCTION TABLE
MR
CP0
CP1
OPERATION
HX
X
O0 = O5-9 = H; O1 to O9 =L
L
H
Counter advances
L
L
Counter advances
L
L
X
No change
L
X
H
No change
L
H
No change
L
L
No change
Notes
1. H = HIGH state (the more positive voltage)
2. L = LOW state (the less positive voltage)
3. X = state is immaterial
4.
= positive-going transition
5.
= negative-going transition
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CP0, CP1 → O0 to O9
5
140
280
ns
113 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
125
250
ns
98 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CP0, CP1 → O5-9
5
145
290
ns
118 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
125
250
ns
98 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
MR
→ O1 to O9
5
115
230
ns
88 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
MR
→ O5-9
5
110
220
ns
83 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
45
90
ns
34 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
MR
→ O0
5
130
260
ns
103 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
55
105
ns
44 ns
+ (0,23 ns/pF) CL
15
40
75
ns
32 ns
+ (0,16 ns/pF) CL


Similar Part No. - HEF4017BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4017B NXP-HEF4017B Datasheet
103Kb / 16P
   5-stage Johnson decade counter
Rev. 04-9 December 2008
logo
Nexperia B.V. All right...
HEF4017B NEXPERIA-HEF4017B Datasheet
780Kb / 18P
   5-stage Johnson decade counter
Rev. 9 - 8 April 2016
HEF4017B-Q100 NEXPERIA-HEF4017B-Q100 Datasheet
705Kb / 18P
   5-stage Johnson decade counter
logo
NXP Semiconductors
HEF4017BP NXP-HEF4017BP Datasheet
103Kb / 16P
   5-stage Johnson decade counter
Rev. 04-9 December 2008
HEF4017BT NXP-HEF4017BT Datasheet
103Kb / 16P
   5-stage Johnson decade counter
Rev. 04-9 December 2008
More results

Similar Description - HEF4017BN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4017B-Q100 NEXPERIA-HEF4017B-Q100 Datasheet
705Kb / 18P
   5-stage Johnson decade counter
logo
NXP Semiconductors
HEF4017B NXP-HEF4017B Datasheet
103Kb / 16P
   5-stage Johnson decade counter
Rev. 04-9 December 2008
logo
Nexperia B.V. All right...
HEF4017B NEXPERIA-HEF4017B Datasheet
780Kb / 18P
   5-stage Johnson decade counter
Rev. 9 - 8 April 2016
logo
NXP Semiconductors
HEF4022B PHILIPS-HEF4022B Datasheet
91Kb / 8P
   4-stage divide-by-8 Johnson counter
January 1995
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
74HC4017 PHILIPS-74HC4017 Datasheet
86Kb / 12P
   Johnson decade counter with 10 decoded outputs
December 1990
logo
Nexperia B.V. All right...
74HCT4017 NEXPERIA-74HCT4017 Datasheet
310Kb / 20P
   Johnson decade counter with 10 decoded outputs
Rev. 7 - 10 May 2021
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com