Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM236-2.5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM236-2.5
Description  2.5V INTEGRATED REFERENCE CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM236-2.5 Datasheet(HTML) 3 Page - Texas Instruments

  LM236-2.5 Datasheet HTML 1Page - Texas Instruments LM236-2.5 Datasheet HTML 2Page - Texas Instruments LM236-2.5 Datasheet HTML 3Page - Texas Instruments LM236-2.5 Datasheet HTML 4Page - Texas Instruments LM236-2.5 Datasheet HTML 5Page - Texas Instruments LM236-2.5 Datasheet HTML 6Page - Texas Instruments LM236-2.5 Datasheet HTML 7Page - Texas Instruments LM236-2.5 Datasheet HTML 8Page - Texas Instruments LM236-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM2362.5, LM3362.5, LM336B2.5
2.5V INTEGRATED REFERENCE CIRCUITS
SLVS063E − NOVEMBER 1988 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
LM236-2.5
LM336-2.5
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VZ
Reference voltage
IZ = 1 mA
LM236, LM336
25
°C
2.44
2.49
2.54
2.39
2.49
2.59
V
VZ
Reference voltage
IZ = 1 mA
LM336B
25
°C
2.44
2.49
2.54
V
∆VZ(∆T)
Change in reference
voltage with
temperature
VZ adjusted to 2.490 V,
IZ = 1 mA
Full range
3.5
9
1.8
6
mV
∆VZ( I)
Change in reference
IZ = 400 A to 10 mA
25
°C
2.6
6
2.6
10
mV
∆VZ(∆I)
Change in reference
voltage with current
IZ = 400 µA to 10 mA
Full range
3
10
3
12
mV
∆VZ(∆t)
Long-term change
in reference voltage
IZ = 1 mA
25
°C
20
20
ppm/khr
zz
Reference
IZ = 1 mA,
f = 1 kHz
25
°C
0.2
0.6
0.2
1
W
zz
Reference
impedance
IZ = 1 mA,
f = 1 kHz
Full range
0.4
1
0.4
1.4
W
† Full range is −25°C to 85°C for the LM236-2.5 and 0°C to 70°C for the LM336-2.5 and LM336B-2.5.


Similar Part No. - LM236-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
223Kb / 12P
   Reference Diode
LM236-2.5 NSC-LM236-2.5 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
LM236-2.5 TI-LM236-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
More results

Similar Description - LM236-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_16 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com