Selected language     English  ▼


LM148_06 Datasheet(PDF) 4 Page - Texas Instruments

Part No. LM148_06
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
LM148, LM248, LM348
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS058C – OCTOBER 1979 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
0.5
V/
µs
PARAMETER MEASUREMENT INFORMATION
+
VI
CL = 100 pF
RL = 2 kΩ
Figure 1. Unity-Gain Amplifier
+
10 k
100
VI
RL = 2 kΩ
CL = 100 pF
AVD = –100
Figure 2. Inverting Amplifier




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM224QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 Unisonic Technologies
LM124_06QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
UM603SOPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR 1 2 3 4 5 Unisonic Technologies
AD8551_07Zero-Drift Single-Supply Rail-to-Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AZ4558CDUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AN1741Single Operational Amplifiers 1 2 3 4 Panasonic Semiconductor
TSV911Rail-to-rail input/output 8MHz operational amplifiers 1 2 3 4 5 MoreSTMicroelectronics
LM324QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl