Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40192BN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF40192BN
Description  4-bit up/down decade counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40192BN Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF40192BN Datasheet HTML 1Page - NXP Semiconductors HEF40192BN Datasheet HTML 2Page - NXP Semiconductors HEF40192BN Datasheet HTML 3Page - NXP Semiconductors HEF40192BN Datasheet HTML 4Page - NXP Semiconductors HEF40192BN Datasheet HTML 5Page - NXP Semiconductors HEF40192BN Datasheet HTML 6Page - NXP Semiconductors HEF40192BN Datasheet HTML 7Page - NXP Semiconductors HEF40192BN Datasheet HTML 8Page - NXP Semiconductors HEF40192BN Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
January 1995
6
Philips Semiconductors
Product specification
4-bit up/down decade counter
HEF40192B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
CPU → On
5
210
415
ns
183 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
85
165
ns
74 ns
+ (0,23 ns/pF) CL
15
60
120
ns
52 ns
+ (0,16 ns/pF) CL
5
170
340
ns
143 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
70
140
ns
59 ns
+ (0,23 ns/pF) CL
15
50
100
ns
42 ns
+ (0,16 ns/pF) CL
CPD → On
5
210
420
ns
183 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
85
170
ns
74 ns
+ (0,23 ns/pF) CL
15
65
125
ns
57 ns
+ (0,16 ns/pF) CL
5
170
340
ns
143 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
70
140
ns
59 ns
+ (0,23 ns/pF) CL
15
50
100
ns
42 ns
+ (0,16 ns/pF) CL
CPU → TCU
5
125
250
ns
98 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
5
95
185
ns
68 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
CPD → TCD
5
140
280
ns
113 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
55
110
ns
44 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
5
100
195
ns
73 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
85
ns
29 ns
+ (0,23 ns/pF) CL
15
30
65
ns
22 ns
+ (0,16 ns/pF) CL
MR
→ On
5
195
390
ns
168 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
80
160
ns
69 ns
+ (0,23 ns/pF) CL
15
60
120
ns
52 ns
+ (0,16 ns/pF) CL
MR
→ TCU
5
145
285
ns
118 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
60
115
ns
49 ns
+ (0,23 ns/pF) CL
15
45
90
ns
37 ns
+ (0,16 ns/pF) CL
MR
→ TCD
5
365
730
ns
338 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
130
265
ns
119 ns
+ (0,23 ns/pF) CL
15
100
205
ns
92 ns
+ (0,16 ns/pF) CL
PL
→ On
5
185
360
ns
158 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
75
150
ns
64 ns
+ (0,23 ns/pF) CL
15
55
110
ns
47 ns
+ (0,16 ns/pF) CL


Similar Part No. - HEF40192BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BD PHILIPS-HEF40193BD Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BF PHILIPS-HEF40193BF Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BN PHILIPS-HEF40193BN Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BP PHILIPS-HEF40193BP Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
More results

Similar Description - HEF40192BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com