Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40192 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF40192
Description  4-bit up/down decade counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40192 Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF40192 Datasheet HTML 1Page - NXP Semiconductors HEF40192 Datasheet HTML 2Page - NXP Semiconductors HEF40192 Datasheet HTML 3Page - NXP Semiconductors HEF40192 Datasheet HTML 4Page - NXP Semiconductors HEF40192 Datasheet HTML 5Page - NXP Semiconductors HEF40192 Datasheet HTML 6Page - NXP Semiconductors HEF40192 Datasheet HTML 7Page - NXP Semiconductors HEF40192 Datasheet HTML 8Page - NXP Semiconductors HEF40192 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
January 1995
5
Philips Semiconductors
Product specification
4-bit up/down decade counter
HEF40192B
MSI
FUNCTION TABLE
MR
PL
CPU
CPD
MODE
H
X
X
X
reset (asyn.)
L
L
X
X
parallel load
L
H
H
count-up
L
H
H
count-down
Notes
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
X = state is immaterial
= positive-going transition
Fig.5 State diagram.
Logic equations for terminal count:
TCU
O
0
O
3
CPU
⋅⋅
=
TCD
O0 O1 O2 O3 CPD
⋅⋅⋅⋅
=
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
550 fi +∑(foCL) × VDD2
where
dissipation per
10
2400 fi +∑(foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
6500 fi +∑(foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF40192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40193B PHILIPS-HEF40193B Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BD PHILIPS-HEF40193BD Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BF PHILIPS-HEF40193BF Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BN PHILIPS-HEF40193BN Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
HEF40193BP PHILIPS-HEF40193BP Datasheet
120Kb / 9P
   4-bit up/down binary counter
January 1995
More results

Similar Description - HEF40192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com