Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR93 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # BFR93
Description  Silicon NPN Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BFR93 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  BFR93 Datasheet HTML 1Page - TEMIC Semiconductors BFR93 Datasheet HTML 2Page - TEMIC Semiconductors BFR93 Datasheet HTML 3Page - TEMIC Semiconductors BFR93 Datasheet HTML 4Page - TEMIC Semiconductors BFR93 Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BFR93/BFR93R
TELEFUNKEN Semiconductors
Rev. A1, 17-Apr-96
4 (5)
Dimensions of BFR93 in mm
95 11346
Dimensions of BFR93R in mm
95 11347


Similar Part No. - BFR93

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93 PHILIPS-BFR93 Datasheet
99Kb / 12P
   NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93 VISHAY-BFR93 Datasheet
122Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
614Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
Foshan Blue Rocket Elec...
BFR93A FOSHAN-BFR93A Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
   NPN 6 GHz wideband transistor
1997 Oct 29
More results

Similar Description - BFR93

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com