Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45194R1227J406 Datasheet(PDF) 7 Page - EPCOS

Part # B45194R1227J406
Description  Tantalum Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45194R1227J406 Datasheet(HTML) 7 Page - EPCOS

  B45194R1227J406 Datasheet HTML 1Page - EPCOS B45194R1227J406 Datasheet HTML 2Page - EPCOS B45194R1227J406 Datasheet HTML 3Page - EPCOS B45194R1227J406 Datasheet HTML 4Page - EPCOS B45194R1227J406 Datasheet HTML 5Page - EPCOS B45194R1227J406 Datasheet HTML 6Page - EPCOS B45194R1227J406 Datasheet HTML 7Page - EPCOS B45194R1227J406 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
35
10/02
Tantalum Chip Capacitors
Low Profile; Hmax = 2 mm; Standard and Low ESR
Technical data and ordering codes for B45194R
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δmax
(20 °C,
120 Hz)
Ilk, max
(20°C,VR,
5 min)
µA
ESRmax1)
(20 °C,
100 kHz)
m
Iac
(20 °C,
100 kHz)
A
Ordering code 2)
6,3
(4,0)
100
V
0,08
6,3
150
0,91
B45194R1107+40*
150
V
0,08
9,5
150
0,91
B45194R1157+40*
220
V
0,08
14
150
0,91
B45194R1227+40*
330
V
0,08
21
150
0,91
B45194R1337+40*
470
V
0,15
30
150
0,91
B45194R1477+40*
10
(6,3)
47
V
0,06
4,7
200
0,79
B45194R2476+40*
68
V
0,06
6,8
200
0,79
B45194R2686+40*
100
V
0,08
10
200
0,79
B45194R2107+40*
150
V
0,08
15
200
0,79
B45194R2157+40*
220
V
0,08
22
200
0,79
B45194R2227+40*
330
V
0,12
33
200
0,79
B45194R2337+40*
16
(10)
33
V
0,06
5,3
250
0,71
B45194R3336+40*
47
V
0,06
7,5
250
0,71
B45194R3476+40*
68
V
0,06
11
250
0,71
B45194R3686+40*
100
V
0,08
16
250
0,71
B45194R3107+40*
20
(13)
22
V
0,06
4,4
400
0,56
B45194R4226+40*
33
V
0,06
6,6
400
0,56
B45194R4336+40*
Upon request
1) Other values upon request
2) + Code letter for required capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for required reel diameter: 9 = 180 mm, 6 = 330 mm
B45194


Similar Part No. - B45194R1227J406

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45194R KEMET-B45194R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45194R KEMET-B45194R Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45194R1227J406

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com