Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3146 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3146
Description  High-VoltageTransistorArrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3146 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3146 Datasheet HTML 4Page - Intersil Corporation CA3146 Datasheet HTML 5Page - Intersil Corporation CA3146 Datasheet HTML 6Page - Intersil Corporation CA3146 Datasheet HTML 7Page - Intersil Corporation CA3146 Datasheet HTML 8Page - Intersil Corporation CA3146 Datasheet HTML 9Page - Intersil Corporation CA3146 Datasheet HTML 10Page - Intersil Corporation CA3146 Datasheet HTML 11Page - Intersil Corporation CA3146 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 23. VBE vs IC FOR ANY TRANSISTOR
FIGURE 24. VCE SAT vs IC FOR ANY TRANSISTOR
FIGURE 25. |VIO| vs IC FOR DIFFERENTIAL AMPLIFIER (Q1 AND Q2)
FIGURE 26. |IIO| vs IC FOR DIFFERENTIAL AMPLIFIER (Q1 AND Q2)
Typical Performance Curves DC Characteristics - CA3183 Series (Continued)
0.1
1.0
10
COLLECTOR CURRENT (mA)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
TA = 25
oC
TA = 70
oC
TA = 0
oC
10
100
COLLECTOR CURRENT (mA)
1.0
0.1
TA = 25
oC
hFE = 10
TA = 0
oC
VCE = 3V
TA = 25
oC
TA = 70
oC
0.1
1.0
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE = 3V
TA = 25
oC
0.1
1.0
0.1
1.0
10
COLLECTOR CURRENT (mA)
CA3146, CA3146A, CA3183, CA3183A


Similar Part No. - CA3146

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3146 INTERSIL-CA3146 Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
logo
List of Unclassifed Man...
CA3146 ETC2-CA3146 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3146A INTERSIL-CA3146A Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3146AE INTERSIL-CA3146AE Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
CA3146AM INTERSIL-CA3146AM Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com