Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3146E Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3146E
Description  High-VoltageTransistorArrays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3146E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3146E Datasheet HTML 2Page - Intersil Corporation CA3146E Datasheet HTML 3Page - Intersil Corporation CA3146E Datasheet HTML 4Page - Intersil Corporation CA3146E Datasheet HTML 5Page - Intersil Corporation CA3146E Datasheet HTML 6Page - Intersil Corporation CA3146E Datasheet HTML 7Page - Intersil Corporation CA3146E Datasheet HTML 8Page - Intersil Corporation CA3146E Datasheet HTML 9Page - Intersil Corporation CA3146E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FIGURE 11. NF vs IC AT RS = 10kΩ
FIGURE 12. hFE, hIE, hOE, hRE vs IC
FIGURE 13. yFE vs FREQUENCY
FIGURE 14. yIE vs FREQUENCY
FIGURE 15. FIGURE 15. yOE vs FREQUENCY
FIGURE 16. FIGURE 16. yRE vs FREQUENCY
Typical Performance Curves Dynamic Characteristics (For Any Transistor) - CA3146 Series (Continued)
VCE = 5V
RS = 10000Ω
TA = 25
oC
COLLECTOR CURRENT (mA)
20
15
10
5
0
0.01
0.1
1.0
f = 0.1kHz
f = 1kHz
f = 10kHz
25
30
100
10
1.0
0.1
0.01
0.1
1.0
10
COLLECTOR CURRENT (mA)
VCE = 5V
f = 1kHz
TA = 25
oC
hOE
hFE
hIE
hFE = 100
hIE = 2.7kΩ
hRE = 1.88 x 10
-4
hOE = 15.6µS
AT
1mA
hRE
TA = 25
oC, V
CE = 5V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
-20
-10
0
10
20
30
40
gFE
bFE
1.0
TA = 25
oC, V
CE = 5V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0.1
10
100
0
1
2
3
4
5
6
gIE
bIE
1.0
TA = 25
oC, V
CE = 3V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
0
1
2
3
4
5
6
gOE
bOE
0.1
10
100
1.0
TA = 25
oC, V
CE = 5V, IC = 1mA
COMMON EMITTER CIRCUIT, BASE INPUT
FREQUENCY (MHz)
-2.0
-1.5
-1.0
-0.5
0
bRE
1
100
10
gRE IS SMALL AT FREQUENCIES
LESS THAN 500MHz
CA3146, CA3146A, CA3183, CA3183A


Similar Part No. - CA3146E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3146E INTERSIL-CA3146E Datasheet
121Kb / 12P
   High-Voltage Transistor Arrays
April 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com