Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3060 Datasheet(PDF) 2 Page - Harris Corporation

Part # CA3060
Description  110kHz, Operational Transconductance Amplifier Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3060 Datasheet(HTML) 2 Page - Harris Corporation

  CA3060 Datasheet HTML 1Page - Harris Corporation CA3060 Datasheet HTML 2Page - Harris Corporation CA3060 Datasheet HTML 3Page - Harris Corporation CA3060 Datasheet HTML 4Page - Harris Corporation CA3060 Datasheet HTML 5Page - Harris Corporation CA3060 Datasheet HTML 6Page - Harris Corporation CA3060 Datasheet HTML 7Page - Harris Corporation CA3060 Datasheet HTML 8Page - Harris Corporation CA3060 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3-2
Absolute Maximum Ratings
Operating Conditions
Supply Voltage (Between V+ and V- Terminals) . . . . . . . 36V (
±18V)
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Differential Input Voltage (Each Amplifier) . . . . . . . . . . . . . . . . . . 5V
Input Current (Each Amplifier)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1mA
Amplifier Bias Current (Each Amplifier) . . . . . . . . . . . . . . . . . . . 2mA
Bias Regulator Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA
Output Short Circuit Duration (Note 1) . . . . . . . . . . . . . . . . Indefinite
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Information
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Short circuit may be applied to ground or to either supply.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V
SUPPLY = ±15V
PARAMETER
SYMBOL
AMPLIFIER BIAS CURRENT
UNITS
IABC = 1µAIABC = 10µAIABC = 100µA
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
(See Figure 1)
VIO
-1-
-
1-
-1
5
mV
Input Offset Current
(See Figure 2)
IIO
-
3
-
-
30
-
-
250
1000
nA
Input Bias Current
(See Figures 3, 4)
IIB
-
33
-
-
300
-
-
2500
5000
nA
Peak Output Current
(See Figures 5, 6)
IOM
-
2.3
-
-
26
-
150
240
-
µA
Peak Output Voltage
(See Figure 7)
Positive
VOM+
-
13.6
-
-
13.6
-
12
13.6
-
V
Negative
VOM-
-
14.7
-
-
14.7
-
12
14.7
-
V
Amplifier Supply Current (Each
Amplifier)
(See Figures 8, 9)
IA
-
8.5
-
-
85
-
-
850
1200
µA
Power Consumption
(Each Amplifier)
P
-
0.26
-
-
2.6
-
-
26
36
mW
Input Offset Voltage Sensitivity
(Note 3)
Positive
∆VIO/∆V+
-
1.5
-
-
2
-
-
2
150
µV/V
Negative
∆VIO/∆V-
-20-
-20-
-30
150
µV/V
Amplifier Bias Voltage
(Note 4, See Figure 10)
VABC
-
0.54
-
-
0.60
-
-
0.66
-
V
DYNAMIC CHARACTERISTICS At 1kHz, Unless Otherwise Specified
Forward Transconductance
(Large Signal)
(See Figures 11, 12)
g21
-
1.55
-
-
18
-
30
102
-
mS
Common Mode Rejection
Ratio
CMRR
-
110
-
-
110
-
70
90
-
dB
Common Mode Input Voltage
Range
VICR
+12 to
-12
+13 to
-14
-
+12 to
-12
+13 to
-14
-
+12 to
-12
+13 to
-14
-V
Slew Rate (Test Circuit)
(See Figure 17)
SR
-
0.1
-
-
1
-
-
8
-
V/
µs
Open Loop (g21) Bandwidth
(See Figure 13)
BWOL
-
20
-
-
45
-
-
110
-
kHz
CA3060


Similar Part No. - CA3060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3060 INTERSIL-CA3060 Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
CA3060E INTERSIL-CA3060E Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
More results

Similar Description - CA3060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3060 INTERSIL-CA3060 Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
298Kb / 13P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
Texas Instruments
OPA660 TI1-OPA660 Datasheet
312Kb / 20P
[Old version datasheet]   OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com