Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM741N Datasheet(PDF) 3 Page - Intersil Corporation

Part # LM741N
Description  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LM741N Datasheet(HTML) 3 Page - Intersil Corporation

  LM741N Datasheet HTML 1Page - Intersil Corporation LM741N Datasheet HTML 2Page - Intersil Corporation LM741N Datasheet HTML 3Page - Intersil Corporation LM741N Datasheet HTML 4Page - Intersil Corporation LM741N Datasheet HTML 5Page - Intersil Corporation LM741N Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Input Bias Current
25
-
80
500
-
80
500
nA
Full
-----
800
nA
-55
-
300
1500
-
-
-
nA
125
-
30
500
-
-
-
nA
Input Offset Current
25
-
20
200
-
20
200
nA
Full
-----
300
nA
-55
-
85
500
-
-
-
nA
125
-
7
200
-
-
-
nA
Large Signal Voltage Gain
RL ≥ 2kΩ,VO = ±10V
25
50,000
200,000
-
20,000
200,000
-
V/V
Full
25,000
-
-
15,000
-
-
V/V
Output Voltage Swing
RL ≥ 10kΩ
25
---
±12
±14
-
V
Full
±12
±14
----
V
RL ≥ 2kΩ
25
---
±10
±13
-
V
Full
±10
±13
-
±10
±13
-
V
Supply Current
25
-
1.7
2.8
-
1.7
2.8
mA
-55
-
2
3.3
---
mA
125
-
1.5
2.5
-
-
-
mA
Device Power Dissipation
25
-
50
85
-
50
85
mW
-55
-
60
100
-
-
-
mW
125
-
45
75
-
-
-
mW
NOTE:
4. Values apply for each section of the dual amplifiers.
Test Circuits
FIGURE 1. OFFSET VOLTAGE NULL CIRCUIT FOR CA741C,
CA741, LM741C, AND LM741
FIGURE 2. TRANSIENT RESPONSE TEST CIRCUIT FOR ALL
TYPES
Electrical Specifications
For Equipment Design, VSUPPLY = ±15V (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
(NOTE 4)
CA741, CA1558, LM741
(NOTE 4)
CA741C, CA1458, LM741C,
LM1458
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
-
+
INVERTING
INPUT
NON-INVERTING
INPUT
OUTPUT
V-
OFFSET
NULL
10k
2
3
1
5
6
-
+
VIN
CL
RL
VOUT
CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458


Similar Part No. - LM741N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LM741N INTERSIL-LM741N Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Fairchild Semiconductor
LM741N FAIRCHILD-LM741N Datasheet
921Kb / 7P
   SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - LM741N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com