Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40244BP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF40244BP
Description  Octal buffers with 3-state outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40244BP Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF40244BP Datasheet HTML 1Page - NXP Semiconductors HEF40244BP Datasheet HTML 2Page - NXP Semiconductors HEF40244BP Datasheet HTML 3Page - NXP Semiconductors HEF40244BP Datasheet HTML 4Page - NXP Semiconductors HEF40244BP Datasheet HTML 5Page - NXP Semiconductors HEF40244BP Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
January 1995
3
Philips Semiconductors
Product specification
Octal buffers with 3-state outputs
HEF40244B
buffers
Fig.3 Logic diagram (one buffer).
TRUTH TABLE
Notes
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
X = state is immaterial
Z = high impedance off state
INPUTS
OUTPUT
In
EO
On
HL
H
LL
L
XH
Z
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134).
See Family Specifications, except for:
DC CHARACTERISTICS
VSS =0 V
D.C. current into any input
± II
max.
10 mA
D.C. source or sink current into any output
± I
O
max.
25 mA
D.C. current into the supply terminals
± I
max.
100 mA
VDD
V
VOH
V
VOL
V
SYMBOL
Tamb (°C)
−40
+25
+85
MIN.
TYP.
MIN.
TYP.
MIN.
TYP.
Output current
5
4,6
0,75
0,6
1,2
0,45
mA
HIGH
10
9,5
−IOH
1,85
1,5
3,0
1,1
mA
15
13,5
14,5
15
50
15,5
mA
Output current
5
3,6
9,3
10
24
10,7
mA
HIGH
10
8,4
−IOH
14,4
15
46
15,0
mA
15
13,2
19,5
20
62
19,8
mA
Output current
5
0,4
2,9
2,3
5,4
1,75
mA
LOW
10
0,5 IOL
9,5
7,6
17
5,50
mA
15
1,5
30,0
25
45
19,0
mA
Hysteresis
5
220
mV
voltage
10
VH
250
mV
(any input)
15
320
mV


Similar Part No. - HEF40244BP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
HEF40244BT NEXPERIA-HEF40244BT Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
   Octal buffers with 3-state outputs
January 1995
More results

Similar Description - HEF40244BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS465 TI-SN54LS465 Datasheet
180Kb / 9P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
logo
Texas Instruments
SN54LS465 TI-SN54LS465_07 Datasheet
598Kb / 17P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN54ALS465A TI1-SN54ALS465A_08 Datasheet
98Kb / 6P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com