Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196H1226J206 Datasheet(PDF) 9 Page - EPCOS

Part # B45196H1226J206
Description  Tantalum Chip Capacitors HighCap
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196H1226J206 Datasheet(HTML) 9 Page - EPCOS

Back Button B45196H1226J206 Datasheet HTML 4Page - EPCOS B45196H1226J206 Datasheet HTML 5Page - EPCOS B45196H1226J206 Datasheet HTML 6Page - EPCOS B45196H1226J206 Datasheet HTML 7Page - EPCOS B45196H1226J206 Datasheet HTML 8Page - EPCOS B45196H1226J206 Datasheet HTML 9Page - EPCOS B45196H1226J206 Datasheet HTML 10Page - EPCOS B45196H1226J206 Datasheet HTML 11Page - EPCOS B45196H1226J206 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
52
10/02
Tantalum Chip Capacitors
HighCap
16
(10)
2,2
A
0,06
0,5
6,5
B45196H3225+10*
3,3
A
0,06
0,5
5,0
B45196H3335+10*
4,7
A
0,06
0,8
4,0
B45196H3475+10*
6,8
A
0,06
1,1
3,8
B45196H3685+10*
6,8
B
0,06
1,1
3,0
B45196H3685+20*
10
A
0,06
1,6
3,0
B45196H3106+10*
10
B
0,06
1,6
2,5
B45196H3106+20*
15
B
0,06
2,4
2,3
B45196H3156+20*
15
C
0,06
2,4
1,6
B45196H3156+30*
22
B
0,06
3,5
2,6
B45196H3226+20*
22
C
0,06
3,5
1,5
B45196H3226+30*
33
C
0,06
5,3
1,4
B45196H3336+30*
47
C
0,06
7,5
1,4
B45196H3476+30*
47
D
0,06
7,5
0,8
B45196H3476+40*
68
C
0,06
11
1,2
B45196H3686+30*
68
D
0,06
11
0,8
B45196H3686+40*
100
D
0,08
16
0,8
B45196H3107+40*
100
E
0,08
16
0,8
B45196H3107+50*
150
D
0,10
24
0,9
B45196H3157+40*
150
E
0,08
24
0,6
B45196H3157+50*
220
E
0,10
35
0,9
B45196H3227+50*
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δ
max
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ordering code 1)
Tinned terminals
1) Replace 196H by 198H for gold-plated terminals
+ Code letter for capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for reel diameter: 9 = 180 mm, 6 = 330 mm
B45196H, B45198H


Similar Part No. - B45196H1226J206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
B45196H1226K109 TI-B45196H1226K109 Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
More results

Similar Description - B45196H1226J206

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C226K016ZT KEMET-T491C226K016ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
T491B106M020ZT KEMET-T491B106M020ZT Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com