Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3096 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CA3096
Description  NPN/PNP Transistor Arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3096 Datasheet HTML 7Page - Intersil Corporation CA3096 Datasheet HTML 8Page - Intersil Corporation CA3096 Datasheet HTML 9Page - Intersil Corporation CA3096 Datasheet HTML 10Page - Intersil Corporation CA3096 Datasheet HTML 11Page - Intersil Corporation CA3096 Datasheet HTML 12Page - Intersil Corporation CA3096 Datasheet HTML 13Page - Intersil Corporation CA3096 Datasheet HTML 14Page - Intersil Corporation CA3096 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FIGURE 27. NOISE FIGURE vs FREQUENCY FOR NPN
TRANSISTORS
FIGURE 28. GAIN-BANDWIDTH PRODUCT vs COLLECTOR
CURRENT (NPN)
FIGURE 29. CAPACITANCE vs BIAS VOLTAGE (NPN)
FIGURE 30. INPUT RESISTANCE vs COLLECTOR CURRENT
FIGURE 31. OUTPUT RESISTANCE vs COLLECTOR CURRENT
FIGURE 32. FORWARD TRANSCONDUCTANCE vs FREQUENCY
Typical Performance Curves (Continued)
RSOURCE = 100kΩ
100
µA
10
µA
IC = 1mA
RSOURCE = 1MΩ
10
µA
100
µA
0
4
8
12
16
20
24
28
FREQUENCY (kHz)
0.01
0.1
1
10
100
VCE = 5V
0
100
200
300
400
COLLECTOR CURRENT (mA)
0.1
1.0
10
BIAS VOLTAGE (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
012345678
9
10
CCB
CCI
CEB
1000
100
10
1
COLLECTOR CURRENT (mA)
0.01
1
10
0.1
NPN
PNP
f = 1kHz
104
103
102
1
COLLECTOR CURRENT (mA)
0.01
1.0
10
0.1
10
NPN
PNP
f = 1kHz
110
100
FREQUENCY (MHz)
40
30
20
10
0
-10
-20
gFE IC = 1mA
gFE 100µA
bFE 100µA
bFE 1mA
CA3096, CA3096A, CA3096C


Similar Part No. - CA3096

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
logo
List of Unclassifed Man...
CA3096 ETC2-CA3096 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CA3096A INTERSIL-CA3096A Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
CA3096AE INTERSIL-CA3096AE Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
CA3096AM INTERSIL-CA3096AM Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
More results

Similar Description - CA3096

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
   NPN/PNP Transistor Arrays
December 1997
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com