Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57331V2153+060 Datasheet(PDF) 3 Page - EPCOS

Part # B57331V2153+060
Description  Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57331V2153+060 Datasheet(HTML) 3 Page - EPCOS

  B57331V2153+060 Datasheet HTML 1Page - EPCOS B57331V2153+060 Datasheet HTML 2Page - EPCOS B57331V2153+060 Datasheet HTML 3Page - EPCOS B57331V2153+060 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
52
05/02
Reliability data
SMD NTC thermistors are tested in accordance with IEC 60068. The parts are mounted on a
standardized PCB in accordance with IEC 60539-1.
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
JIS C 0021
Storage at upper
category temperature
T: (125
± 2) °C
t: 1000 h
< 2 %
Storage in damp
heat, steady state
IEC
60068-2-3
JIS C 0022
Temperature of air: (40
± 2) °C
Relative humidity of air:
(93 +2 /–3) %
Duration: 56 days
< 2 %
Rapid temperature
cycling
IEC
60068-2-14
JIS C 0025
Lower test temperature: – 55
°C
Upper test temperature: 125
°C
Number of cycles: 100
< 2 %
Endurance
Pmax: 180 mW
T: (65
± 2) °C
t: 1000 h
< 2 %
Solderability
IEC
60068-2-58
JIS C 0054
Solderability:
(215
± 3) °C / (3 ± 0,3) s
(235
± 5) °C / (2 ± 0,2) s
Resistance to soldering heat:
(260
± 5) °C / (10 ± 1) s
95 % of
terminations
wetted
Resistance drift
after soldering
Reflow soldering profile
Wave soldering profile
< 1 %
B573**
Temperature Measurement
V3**
SMD NTC Thermistors with Nickel Barrier Termination, Size 0603


Similar Part No. - B57331V2153+060

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B57330V2103+260 TDK-B57330V2103+260 Datasheet
451Kb / 21P
   SMD NTC thermistors,
logo
EPCOS
B57330V2103260 EPCOS-B57330V2103260 Datasheet
425Kb / 21P
   NTC thermistors for temperature measurement
logo
TDK Electronics
B57330V2103260 TDK-B57330V2103260 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57330V2103260 TDK-B57330V2103260 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
B57330V2103260 TDK-B57330V2103260 Datasheet
451Kb / 22P
   NTC thermistors for temperature measurement
More results

Similar Description - B57331V2153+060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
NB12P00104JBB AVX-NB12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com