Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3102 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3102
Description  Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3102 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3102 Datasheet HTML 3Page - Intersil Corporation CA3102 Datasheet HTML 4Page - Intersil Corporation CA3102 Datasheet HTML 5Page - Intersil Corporation CA3102 Datasheet HTML 6Page - Intersil Corporation CA3102 Datasheet HTML 7Page - Intersil Corporation CA3102 Datasheet HTML 8Page - Intersil Corporation CA3102 Datasheet HTML 9Page - Intersil Corporation CA3102 Datasheet HTML 10Page - Intersil Corporation CA3102 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 22. OUTPUT ADMITTANCE (Y22) vs COLLECTOR
SUPPLY VOLTAGE
FIGURE 23. OUTPUT ADMITTANCE (Y22) vs COLLECTOR
SUPPLY VOLTAGE
FIGURE 24. OUTPUT ADMITTANCE (Y22) vs EMITTER CURRENT
FIGURE 25. OUTPUT ADMITTANCE (Y22) vs EMITTER CURRENT
FIGURE 26. FORWARD TRANSFER ADMITTANCE (Y21) vs
FREQUENCY
FIGURE 27. FORWARD TRANSFER ADMITTANCE (Y21) vs
FREQUENCY
Typical Performance Curves (Continued)
0
-1
-2
-3
010
20
30
40
COLLECTOR SUPPLY VOLTAGE (V)
CASCODE AMPLIFIER
I3 = I9 = 2mA
TA = 25
oC
f = 200MHz
b22
g22
0.6
0.4
0.2
0
010
20
30
40
COLLECTOR SUPPLY VOLTAGE (V)
b22
g22
DIFFERENTIAL AMPLIFIER
I3 = I9 = 4mA
TA = 25
oC
f = 200MHz
0
-1
-2
-3
02
4
6
8
EMITTER CURRENT (I3 OR I9) (mA)
b22
g22
CASCODE AMPLIFIER
VCC = 12V
TA = 25
oC
f = 200MHz
EMITTER CURRENT (I3 OR I9) (mA)
0
5
10
15
20
1
0
-1
DIFFERENTIAL AMPLIFIER
VCC = 12V
TA = 25
oC
f = 200MHz
g22
b22
70
60
50
40
30
20
10
0
-10
-20
10
102
103
FREQUENCY (MHz)
g21
b21
CASCODE AMPLIFIER
VCC = 12V
TA = 25
oC
I3 = I9 = 2mA
-40
-20
0
10
102
103
FREQUENCY (MHz)
50
40
30
20
10
0
-10
-20
-30
-40
DIFFERENTIAL AMPLIFIER
VCC = 12V
TA = 25
oC
I3 = I9 = 4mA
b21
g21
CA3102


Similar Part No. - CA3102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102A ITT-CA3102A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3102A10SL-8P ITT-CA3102A10SL-8P Datasheet
1Mb / 5P
   Circular Connectors
CA3102A10SL-8S ITT-CA3102A10SL-8S Datasheet
1Mb / 5P
   Circular Connectors
More results

Similar Description - CA3102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Sanyo Semicon Device
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
logo
Sanyo Semicon Device
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com