Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLH10BS1522R0A2M Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # PLH10BS1522R0A2M
Description  EMI Suppression Filters for AC Power Lines
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLH10BS1522R0A2M Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button PLH10BS1522R0A2M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLH10BS1522R0A2M Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
6
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
The PLA10 series is a compact size AC common mode
choke coil. It can obtain a high inductance value in
spite of its compact size.
s Features
1. Compact and light weight
2. Low profile in vertical core layout
3. Both a standard winding type and a sectional
winding type for higher frequency noise are
available.
(in mm)
18 max.
13
±0.5
10
±0.5
16 max.
ø0.9 max.
(1)
[(2)]
(4)
[(3)]
(4)
[(1)]
(3)
[(2)]
Standard Winding Type
(in mm)
16 max.
18 max.
13
±0.5
10
±0.5
ø0.9 max.
(1)
(4)
[(2)]
(4)
[(1)]
(3)
[(2)]
[(3)]
Sectional Winding Type
PLA10 Series
Part Number
Common Mode Inductance
(min.)
(mH)
Rated Current
(A)
Rated Voltage
(V)
Insulation Resistance
(min.)
(M ohm)
PLA10AN1522R0R2
1.5
2.0
300
100
PLA10AN1821R7R2
1.8
1.7
300
100
PLA10AN2221R5R2
2.2
1.5
300
100
PLA10AN3021R3R2
3.0
1.3
300
100
PLA10AN3521R2R2
3.5
1.2
300
100
PLA10AN5521R0R2
5.5
1.0
300
100
PLA10AN7420R8R2
7.4
0.8
300
100
PLA10AN1030R7R2
10.0
0.7
300
100
PLA10AN1230R6R2
12.0
0.6
300
100
PLA10AN2030R5R2
20.0
0.5
300
100
PLA10AN3030R4R2
30.0
0.4
300
100
PLA10AN4330R3R2
43.0
0.3
300
100
Operating Temperature Range (Ambient Temperature Range + Winding Temperature Rise): -25
°C to 120°C
Winding Temperature Rise (at Rated Current) (max.): 60K
Part Number
Common Mode Inductance
(min.)
(mH)
Rated Current
(A)
Rated Voltage
(V)
Insulation Resistance
(min.)
(M ohm)
PLA10AN9012R0D2
0.9
2.0
300
100
PLA10AN1321R7D2
1.3
1.7
300
100
PLA10AN1821R5D2
1.8
1.5
300
100
PLA10AN2021R3D2
2.0
1.3
300
100
PLA10AN3621R0D2
3.6
1.0
300
100
PLA10AN7720R7D2
7.7
0.7
300
100
PLA10AN1330R5D2
13.0
0.5
300
100
PLA10AN2230R4D2
22.0
0.4
300
100
PLA10AN3630R3D2
36.0
0.3
300
100
Operating Temperature Range (Ambient Temperature Range + Winding Temperature Rise): -25
°C to 120°C
Winding Temperature Rise (at Rated Current) (max.): 60K
o Standard Winding Type
o Sectional Winding Type
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C09E.pdf
06.2.9


Similar Part No. - PLH10BS1522R0A2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLH10AN1112R6P2B MURATA-PLH10AN1112R6P2B Datasheet
199Kb / 3P
   Operating Temperature Range
PLH10AN1612R1P2B MURATA-PLH10AN1612R1P2B Datasheet
201Kb / 3P
   Operating Temperature Range
PLH10AN2211R5P2B MURATA-PLH10AN2211R5P2B Datasheet
199Kb / 3P
   Operating Temperature Range
PLH10AN2911R2P2B MURATA-PLH10AN2911R2P2B Datasheet
201Kb / 3P
   Operating Temperature Range
PLH10AN3711R0P2B MURATA-PLH10AN3711R0P2B Datasheet
199Kb / 3P
   Operating Temperature Range
More results

Similar Description - PLH10BS1522R0A2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com