Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57431V2683+062 Datasheet(PDF) 2 Page - EPCOS

Part # B57431V2683+062
Description  Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57431V2683+062 Datasheet(HTML) 2 Page - EPCOS

  B57431V2683+062 Datasheet HTML 1Page - EPCOS B57431V2683+062 Datasheet HTML 2Page - EPCOS B57431V2683+062 Datasheet HTML 3Page - EPCOS B57431V2683+062 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
54
05/02
+: J for
∆R
N/RN = ±
5 %
Kfor
∆R
N/RN = ± 10 %
470
8502
3940
3980
4000
B57421V2471+062
680
8502
3940
3980
4000
B57421V2681+062
1,0 k
8502
3940
3980
4000
B57421V2102+062
1,5 k
8502
3940
3980
4000
B57421V2152+062
10 k
8502
3940
3980
4000
B57421V2103+062
2,2 k
8503
4390
4470
4500
B57431V2222+062
3,3 k
8503
4390
4470
4500
B57431V2332+062
4,7 k
8503
4390
4470
4500
B57431V2472+062
6,8 k
8503
4390
4470
4500
B57431V2682+062
10 k
8503
4390
4470
4500
B57431V2103+062
15 k
8503
4390
4470
4500
B57431V2153+062
22 k
8503
4390
4470
4500
B57431V2223+062
33 k
8503
4390
4470
4500
B57431V2333+062
47 k
8503
4390
4470
4500
B57431V2473+062
68 k
8503
4390
4470
4500
B57431V2683+062
100 k
8503
4390
4470
4500
B57431V2104+062
R25
No. of R/T
characteristic
B25/50
K
B25/85
K
B25/100
K
Ordering code
B574**
Temperature Measurement
V4**
SMD NTC Thermistors with Nickel Barrier Termination, Size 0805


Similar Part No. - B57431V2683+062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57431V2683 EPCOS-B57431V2683 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
More results

Similar Description - B57431V2683+062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
NB12P00104JBB AVX-NB12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
logo
EPCOS
PROBEASS__B57703__M703 EPCOS-PROBEASS__B57703__M703 Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
SMD__NIBARRIER__0603 EPCOS-SMD__NIBARRIER__0603 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
B57514K EPCOS-B57514K Datasheet
199Kb / 9P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com