Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF40240BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF40240BF
Description  Octal inverting buffers with 3-state outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40240BF Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF40240BF Datasheet HTML 1Page - NXP Semiconductors HEF40240BF Datasheet HTML 2Page - NXP Semiconductors HEF40240BF Datasheet HTML 3Page - NXP Semiconductors HEF40240BF Datasheet HTML 4Page - NXP Semiconductors HEF40240BF Datasheet HTML 5Page - NXP Semiconductors HEF40240BF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
January 1995
4
Philips Semiconductors
Product specification
Octal inverting buffers with 3-state outputs
HEF40240B
buffers
Fig.4 Typical output source current characteristic.
(1) P-channel MOS transistor conducting.
(2) P-channel MOS transistor and bipolar
n-p-n transistor conducting.
Fig.5 Schematic diagram of output stage.
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
ALL BUFFERS SWITCHING
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
4 250 fi +∑ (foCL) × VDD2
where
dissipation per
10
17 000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
46 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF40240BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40244B PHILIPS-HEF40244B Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
logo
NXP Semiconductors
HEF40244BD PHILIPS-HEF40244BD Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
HEF40244BF PHILIPS-HEF40244BF Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
HEF40244BN PHILIPS-HEF40244BN Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
More results

Similar Description - HEF40240BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV240A TI1-SN54LV240A_15 Datasheet
1,011Kb / 27P
[Old version datasheet]   Octal Inverting Buffers/Drivers With 3-State Outputs
SN54LS465 TI-SN54LS465 Datasheet
180Kb / 9P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF40244B NEXPERIA-HEF40244B Datasheet
199Kb / 14P
   Octal buffers with 3-state outputs
Rev. 4 - 29 June 2018
logo
NXP Semiconductors
HEF40244B PHILIPS-HEF40244B Datasheet
72Kb / 6P
   Octal buffers with 3-state outputs
January 1995
logo
Texas Instruments
SN54LS465 TI-SN54LS465_07 Datasheet
598Kb / 17P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN54ALS465A TI1-SN54ALS465A_08 Datasheet
98Kb / 6P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com