Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA555C Datasheet(PDF) 5 Page - Harris Corporation

Part # CA555C
Description  Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA555C Datasheet(HTML) 5 Page - Harris Corporation

  CA555C Datasheet HTML 1Page - Harris Corporation CA555C Datasheet HTML 2Page - Harris Corporation CA555C Datasheet HTML 3Page - Harris Corporation CA555C Datasheet HTML 4Page - Harris Corporation CA555C Datasheet HTML 5Page - Harris Corporation CA555C Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Top Trace: Output voltage (2V/Div. and 0.5ms/Div.)
Bottom Trace: Capacitor voltage (1V/Div. and 0.5ms/Div.)
FIGURE 5. TYPICAL WAVEFORMS FOR REPEAT CYCLE TIMER
FIGURE 6. FREE RUNNING FREQUENCY OF REPEAT CYCLE
TIMER WITH VARIATION IN CAPACITANCE AND
RESISTANCE
Typical Performance Curves
NOTE: Where x is the decimal multiplier of the supply voltage.
FIGURE 7. MINIMUM PULSE WIDTH vs MINIMUM TRIGGER
VOLTAGE
FIGURE 8. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 9. OUTPUT VOLTAGE DROP (HIGH STATE) vs
SOURCE CURRENT
FIGURE 10. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
5V
0
3.3V
1.7V
0
t2
t1
100
10
0.1
0.01
0.001
FREQUENCY (Hz)
10-1
110
102
103
104
105
TA = 25
oC, V+ = 5V
R1 + 2R2 = 1kΩ
10k
100k
1M
10M
1
MINIMUM TRIGGER (PULSE) VOLTAGE (x V+) (NOTE)
0.4
0.3
0.2
0.1
0
150
100
50
TA = -55
oC
25oC
125oC
70oC
0oC
SUPPLY VOLTAGE (V)
15
12.5
10
7.5
5
2.5
0
10
9
8
7
6
5
4
3
2
1
TA = 125
oC
25oC
50oC
SOURCE CURRENT (mA)
100
10
1
2.0
1.6
1.2
0.8
0.4
0
25oC
TA = -55
oC
125oC
5V
≤ V+ ≤ 15V
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
25oC
TA = -55
oC
125oC
V+ = 5V
CA555, CA555C, LM555C


Similar Part No. - CA555C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA555C INTERSIL-CA555C Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA555C HARRIS-CA555C Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
More results

Similar Description - CA555C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com