Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4029B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # HEF4029B
Description  Synchronous up/down counter, binary/decade counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4029B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button HEF4029B Datasheet HTML 5Page - NXP Semiconductors HEF4029B Datasheet HTML 6Page - NXP Semiconductors HEF4029B Datasheet HTML 7Page - NXP Semiconductors HEF4029B Datasheet HTML 8Page - NXP Semiconductors HEF4029B Datasheet HTML 9Page - NXP Semiconductors HEF4029B Datasheet HTML 10Page - NXP Semiconductors HEF4029B Datasheet HTML 11Page - NXP Semiconductors HEF4029B Datasheet HTML 12Page - NXP Semiconductors HEF4029B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
January 1995
9
Philips Semiconductors
Product specification
Synchronous up/down counter,
binary/decade counter
HEF4029B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN
TYP
MAX
Minimum clock
5
110
55
ns
see also waveforms
Figs 7 and 8
pulse width; LOW
10
tWCPL
35
20
ns
15
25
15
ns
Minimum PL
5
160
80
ns
pulse width; HIGH
10
tWPLH
55
25
ns
15
35
15
ns
Recovery time
5
150
75
ns
for PL
10
tRPL
50
25
ns
15
35
20
ns
Set-up times
5
270
135
ns
BIN/DEC
→ CP
10
tsu
90
45
ns
15
60
30
ns
5
300
150
ns
UP/DN
→ CP
10
tsu
105
55
ns
15
75
35
ns
5
240
120
ns
CE
→ CP
10
tsu
90
50
ns
15
70
40
ns
570
35
ns
Pn → PL
10
tsu
20
10
ns
15
10
5
ns
Hold times
5
45
−90
ns
BIN/DEC
→ CP
10
thold
15
−30
ns
15
10
−20
ns
515
−135
ns
UP/DN
→ CP
10
thold
0
−50
ns
15
−5
−35
ns
530
−30
ns
CE
→ CP
10
thold
10
−10
ns
15
5
−10
ns
515
−20
ns
Pn → PL
10
thold
0
−10
ns
15
0
−5ns
Maximum clock
5
2
4
MHz
pulse frequency
10
fmax
5
10
MHz
15
8
15
MHz


Similar Part No. - HEF4029B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
HEF4020B NXP-HEF4020B Datasheet
88Kb / 13P
   14-stage binary counter
Rev. 04-4 December 2008
HEF4020B PHILIPS-HEF4020B Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
logo
Nexperia B.V. All right...
HEF4020B NEXPERIA-HEF4020B Datasheet
217Kb / 11P
   14-stage binary counter
Rev. 11 - 7 December 2021
HEF4020B-Q100 NEXPERIA-HEF4020B-Q100 Datasheet
206Kb / 11P
   14-stage binary counter
More results

Similar Description - HEF4029B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
MC14029B ONSEMI-MC14029B Datasheet
241Kb / 8P
   Binary/Decade Up/Down Counter
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
   SYNCHRONOUS UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com