Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37940J2010C570 Datasheet(PDF) 9 Page - EPCOS

Part # B37940J2010C570
Description  Multilayer Ceramic Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37940J2010C570 Datasheet(HTML) 9 Page - EPCOS

Back Button B37940J2010C570 Datasheet HTML 5Page - EPCOS B37940J2010C570 Datasheet HTML 6Page - EPCOS B37940J2010C570 Datasheet HTML 7Page - EPCOS B37940J2010C570 Datasheet HTML 8Page - EPCOS B37940J2010C570 Datasheet HTML 9Page - EPCOS B37940J2010C570 Datasheet HTML 10Page - EPCOS B37940J2010C570 Datasheet HTML 11Page - EPCOS B37940J2010C570 Datasheet HTML 12Page - EPCOS B37940J2010C570 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Multilayer Ceramic Capacitors
22
10/02
C0G
Ordering codes and packing for C0G, 50 VDC, nickel-barrier terminations
Case size 0805, 50 VDC
Chip
thickness
Cardboard tape,
∅ 180-mm reel
Cardboard tape,
∅ 330-mm reel
Bulk case
**
60
**
70
**
01
CR
Ordering code1)
mm
pcs/reel
pcs/reel
pcs
1,0 pF
B37940K5010C0**
0,6
± 0,1
5 000
20000
10000
1,2 pF
B37940K5010C2**
0,6
± 0,1
5 000
20000
10000
1,5 pF
B37940K5010C5**
0,6
± 0,1
5 000
20000
10000
1,8 pF
B37940K5010C8**
0,6
± 0,1
5 000
20000
10000
2,2 pF
B37940K5020C2**
0,6
± 0,1
5 000
20000
10000
2,7 pF
B37940K5020C7**
0,6
± 0,1
5 000
20000
10000
3,3 pF
B37940K5030C3**
0,6
± 0,1
5 000
20000
10000
3,9 pF
B37940K5030C9**
0,6
± 0,1
5 000
20000
10000
4,7 pF
B37940K5040C7**
0,6
± 0,1
5 000
20000
10000
5,6 pF
B37940K5050D6**
0,6
± 0,1
5 000
20000
10000
6,8 pF
B37940K5060D8**
0,6
± 0,1
5 000
20000
10000
8,2 pF
B37940K5080D2**
0,6
± 0,1
5 000
20000
10000
10, pF
B37940K5100J0**
0,6
± 0,1
5 000
20000
10000
12, pF
B37940K5120J0**
0,6
± 0,1
5 000
20000
10000
15, pF
B37940K5150J0**
0,6
± 0,1
5 000
20000
10000
18, pF
B37940K5180J0**
0,6
± 0,1
5 000
20000
10000
22, pF
B37940K5220J0**
0,6
± 0,1
5 000
20000
10000
27, pF
B37940K5270J0**
0,6
± 0,1
5 000
20000
10000
33, pF
B37940K5330J0**
0,6
± 0,1
5 000
20000
10000
39, pF
B37940K5390J0**
0,6
± 0,1
5 000
20000
10000
47, pF
B37940K5470J0**
0,6
± 0,1
5 000
20000
10000
56, pF
B37940K5560J0**
0,6
± 0,1
5 000
20000
10000
68, pF
B37940K5680J0**
0,6
± 0,1
5 000
20000
10000
82, pF
B37940K5820J0**
0,6
± 0,1
5 000
20000
10000
100, pF
B37940K5101J0**
0,6
± 0,1
5 000
20000
10000
120, pF
B37940K5121J0**
0,6
± 0,1
5 000
20000
10000
150, pF
B37940K5151J0**
0,6
± 0,1
5 000
20000
10000
180, pF
B37940K5181J0**
0,6
± 0,1
5 000
20000
10000
220, pF
B37940K5221J0**
0,6
± 0,1
5 000
20000
10000
270, pF
B37940K5271J0**
0,6
± 0,1
5 000
20000
10000
330, pF
B37940K5331J0**
0,6
± 0,1
5 000
20000
10000
390, pF
B37940K5391J0**
0,6
± 0,1
5 000
20000
10000
470, pF
B37940K5471J0**
0,6
± 0,1
5 000
20000
10000
1) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 16.
^
^
^
C0G; 0805


Similar Part No. - B37940J2010C570

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37940K1100J060 EPCOS-B37940K1100J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1100J070 EPCOS-B37940K1100J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J060 EPCOS-B37940K1101J060 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1101J070 EPCOS-B37940K1101J070 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
B37940K1102J062 EPCOS-B37940K1102J062 Datasheet
765Kb / 33P
   Multilayer ceramic capacitors
More results

Similar Description - B37940J2010C570

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com