Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3140EZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3140EZ
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140EZ Datasheet(HTML) 5 Page - Intersil Corporation

  CA3140EZ Datasheet HTML 1Page - Intersil Corporation CA3140EZ Datasheet HTML 2Page - Intersil Corporation CA3140EZ Datasheet HTML 3Page - Intersil Corporation CA3140EZ Datasheet HTML 4Page - Intersil Corporation CA3140EZ Datasheet HTML 5Page - Intersil Corporation CA3140EZ Datasheet HTML 6Page - Intersil Corporation CA3140EZ Datasheet HTML 7Page - Intersil Corporation CA3140EZ Datasheet HTML 8Page - Intersil Corporation CA3140EZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
FN957.10
July 11, 2005
Block Diagram
Schematic Diagram
A
10
A
10,000
C1
12pF
5
A
1
1
8
4
6
7
2
3
OFFSET
STROBE
NULL
OUTPUT
INPUT
+
-
200
µA200µA
1.6mA
2
µA2mA
2mA
4mA
V+
V-
BIAS CIRCUIT
CURRENT SOURCES
AND REGULATOR
R5
500
R4
500
Q11
Q12
R2
500
R3
500
Q10
Q9
D5
D4
D3
5
1
8
STROBE
OFFSET NULL
3
2
NON-INVERTING
INPUT
INVERTING
INPUT
+
-
C1
12pF
Q13
Q15
Q16
Q21
Q20
D8
Q19
Q18
Q17
R11
20
R9
50
R8
1K
R12
12K
R14
20K
R13
5K
D7
R10
1K
OUTPUT
D6
4
V-
V+
6
7
DYNAMIC CURRENT SINK
OUTPUT STAGE
SECOND STAGE
INPUT STAGE
BIAS CIRCUIT
D2
Q8
Q4
Q3
Q5
Q2
Q6
Q7
D1
Q1
R1
8K
Q14
R7
30
R6
50
NOTE:
All resistance values are in ohms.
CA3140, CA3140A


Similar Part No. - CA3140EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140EZ RENESAS-CA3140EZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3140EZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com