Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA2904 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA2904
Description  Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA2904 Datasheet(HTML) 2 Page - Intersil Corporation

  CA2904 Datasheet HTML 1Page - Intersil Corporation CA2904 Datasheet HTML 2Page - Intersil Corporation CA2904 Datasheet HTML 3Page - Intersil Corporation CA2904 Datasheet HTML 4Page - Intersil Corporation CA2904 Datasheet HTML 5Page - Intersil Corporation CA2904 Datasheet HTML 6Page - Intersil Corporation CA2904 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage
CA2904,LM2904 . .. ... .. .. .. .. .. .. .. .. .. ... 26V or
±13V
Other Types . . . . . . . ... .. .. .. .. .. .. .. .. .. ... 32V or
±16V
DifferentialInput Voltage (All Types) . .. .. .. .. .. ... .. .. .. . 32V
Input Voltage .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. -0.3V to V+
Input Current (VI <-0.3V, Note 1) . .. .. .. .. .. .. ... .. .. ..50mA
Output Short Circuit Duration (V+
≤ 15V, Note 2) . . . . . .Continuous
Operating Conditions
Temperature Range
CA158, CA158A .. .. ... .. .. .. .. .. .. .. .. .. . -55oCto 125oC
CA258, .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. .. -25oCto 85oC
CA2904,LM2904 . .. ... .. .. .. .. .. .. .. .. .. .. -40oCto 85oC
CA358, CA358A, LM358 .. .. .. .. .. .. .. .. .. ... . 0oCto 70oC
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . ... .. .. .. .. ..
130
N/A
SOIC Package . . . . . . ... .. .. .. .. ..
170
N/A
Can Package . . . . . . . ... .. .. .. .. ..
155
67
Maximum Junction Temperature (Can Package). . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package). . . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. This input current will only exist when the voltage at any of the input leads is driven negative. This current is due to the collector base junction of the
input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN
parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the amplifiers to go to the V+ voltage level (or to
ground for a large overdrive) for the time duration that an input is driven negative. This transistor action is not destructive and normal output states
will re-establish when the input voltage, which was negative, again returns to a value greater than -0.3V.
2. The maximum output current is approximately 40mA independent of the magnitude of V+. Continuous short circuits at V+ > 15V can cause
excessive power dissipation and eventual destruction. Short circuits from the output to V+ can cause overheating and eventual destruction of
the device. Destructive dissipation can result from simultaneous short circuits on both amplifiers.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Values Apply for Each Operational Amplifier. Supply Voltage V+ = 5V, V- = 0V,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
CA158A
CA358A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset
Voltage (Note 6)
25
-
12-
2
3
mV
Full
-
-
4
-
-
5
mV
Average Input Offset Voltage
Drift
RS =0Ω
Full
-
7
15
-
7
20
µV/oC
Input Common Mode Voltage
Range (Note 5)
V+ = 30V
25
0
-
V+ -1.5
0
-
V+ -1.5
V
V+ = 30V
Full
0
-
V+ -2
0
-
V+ -2
V
Common Mode
Rejection Ratio
DC
25
70
85
-
65
85
-
dB
Power Supply Rejection Ratio DC
25
65
100
-
65
100
-
dB
Input Bias
Current (Note 4)
II+or II-
25
-
20
50
-
45
100
nA
II+or II-
Full
-
40
100
-
40
200
nA
Input Offset
Current
II+- II-25
-
2
10
-
5
30
nA
II+- II-Full
-
-
30
-
-
75
nA
Average Input Offset Current
Drift
Full
-
10
200
-
10
300
pA/oC
Large Signal Voltage Gain
RL ≥ 2kΩ,V+=15V (For
Large VO Swing)
25
50
100
-
25
100
-
kV/V
Output Voltage Swing
RL =2kΩ
25
0
-
V+ -1.5
0
-
V+ -1.5
V
CA158, CA158A, CA258, CA258A, CA358, CA358A, CA2904, LM358, LM2904


Similar Part No. - CA2904

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA2904 INTERSIL-CA2904 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA2904E INTERSIL-CA2904E Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Harris Corporation
CA2904E HARRIS-CA2904E Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
More results

Similar Description - CA2904

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com