Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82496-C3270 Datasheet(PDF) 5 Page - EPCOS

Part # B82496-C3270
Description  SMT Inductors, SIMID Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496-C3270 Datasheet(HTML) 5 Page - EPCOS

  B82496-C3270 Datasheet HTML 1Page - EPCOS B82496-C3270 Datasheet HTML 2Page - EPCOS B82496-C3270 Datasheet HTML 3Page - EPCOS B82496-C3270 Datasheet HTML 4Page - EPCOS B82496-C3270 Datasheet HTML 5Page - EPCOS B82496-C3270 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
11/01
SMT Inductors, SIMID Series
SIMID 0603-C
B82496-C
Impedance |Z |
versus frequency f
measured with impedance analyzer
HP 4291A/16196A
Q factor versus frequency f
measured with impedance analyzer
HP 4291A/16196A
Inductance L
versus dc load current IDC
measured with LCR meter
HP 4275A
Current derating Iop/IR
versus ambient temperature TA
SSB1998-W
10
|
Z
3
10 4
kHz
10 5
f
10 6
1 nH
220 nH
10 nH
100 nH
|
10
10 0
3
_
_2
10
10 1
_
1
10
2
10
3
10
4
10
5
10
SSB2000-Q
10
10
10 6
10 7
kHz
5
4
f
Q
10
20
30
50
40
60
70
80
100
90
0
220 nH
100 nH
10 nH
1 nH
SSB1999-5
L
10
10
Ι
10
10 0
10 1
A
nH
DC
220 nH
10
_
2
_
1
_
8
10
_
7
10
_
6
10
_
9
10
_
100 nH
10 nH
1 nH
SSB2001-Y
0
0
T
Ι
B
Ι
R
A
0,2
0,4
0,6
0,8
1,0
1,2
20
40
60
80
100
140
˚C
Iop
IR


Similar Part No. - B82496-C3270

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3100 EPCOS-B82496-A3100 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3101 EPCOS-B82496-A3101 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3109 EPCOS-B82496-A3109 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-A3120 EPCOS-B82496-A3120 Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
More results

Similar Description - B82496-C3270

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series
B82498-A3100-K EPCOS-B82498-A3100-K Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82442T EPCOS-B82442T Datasheet
675Kb / 9P
   SMT inductors ??SIMID series
B82494A EPCOS-B82494A Datasheet
116Kb / 7P
   SMT inductors, SIMID series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com