Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25355L0307K004 Datasheet(PDF) 11 Page - EPCOS

Part # B25355L0307K004
Description  MP DC Capacitors Smoothing, Supporting, Discharge
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355L0307K004 Datasheet(HTML) 11 Page - EPCOS

Back Button B25355L0307K004 Datasheet HTML 7Page - EPCOS B25355L0307K004 Datasheet HTML 8Page - EPCOS B25355L0307K004 Datasheet HTML 9Page - EPCOS B25355L0307K004 Datasheet HTML 10Page - EPCOS B25355L0307K004 Datasheet HTML 11Page - EPCOS B25355L0307K004 Datasheet HTML 12Page - EPCOS B25355L0307K004 Datasheet HTML 13Page - EPCOS B25355L0307K004 Datasheet HTML 14Page - EPCOS B25355L0307K004 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
74
Siemens Matsushita Components
UN(co) = DC 2400 V
UN(sto)= DC 3000 V
Ui
= AC 2200 V
û = 3000 V
us = 3600 V
UTT = DC 3600 V, 10 s
UTC = AC 5400 V, 10 s
46
80
9000 22000
4,7
200 121,6
× 176 1b 2500
B25355-L2466-K004
85
100
16000 40000
2,7
230 121,6
× 325 2b 4500
B25355-L2856-K004
UN(co) = DC 2800 V
UN(sto)= DC 3500 V
Ui
= AC 2500 V
û = 3500 V
us = 4200 V
UTT = DC 4200 V, 10 s
UTC = AC 6000 V, 10 s
252)
20
5000 12000
8,0
180
99,3
× 176 6
1600
B25355-G2256-K001
32
60
7000 18000
5,4
220 121,6
× 176 1b 2500
B25355-L2326-K004 88
56
100
12000 31000
3,2
250 121,6
× 325 2b 4500
B25355-L2566-K004
UN(co) = DC 3200 V
UN(sto)= DC 4000 V
Ui
= AC 2900 V
û = 4000 V
us = 4800 V
UTT = DC 4800 V, 10 s
UTC = AC 6800 V, 10 s
0,25
16
250
600 27,0
70
35,0
× 57 4
70
B25355-J3254-K001
0,5
16
500
1200 16,0
70
40,0
× 57 4
90
B25355-J3504-K001
90
1
16
500
1200 35,0
110
40,0
× 86 4
130
B25355-J3105-K001
2
16
1000
2400 20,0
110
50,0
× 86 4
200
B25355-J3205-K001
4
20
2000
4800
8,7
110
79,2
× 104 5
600
B25355-L3405-K001
6,3
20
3100
7500
6,0
110
89,3
× 104 5
800
B25355-L3635-K001
8
20
4000
9600
5,1
110
99,3
× 104 5
950
B25355-L3805-K001
10
20
5000 12000
7,8
180
79,2
× 176 5
1000
B25355-L3106-K001
16
20
8000 19000
5,6
180
99,3
× 176 5
1600
B25355-L3166-K001
UN(co) = DC 6300 V
UN(sto)= DC 7900 V
û = 7900 V
us = 9500 V
UTT = DC 9500 V, 10 s
22)
20
2000
5000 18,0
180
79,2
× 176 6
1000
B25355-G6205-K001
42)
20
4000 10000 10,0
180
99,3
× 176 6
1600
B25355-G6405-K001 92
Characteristics and ordering codes
CN
1)
µF
Imax
A
î
A
Is
A
RS
20
°C
m
Lself
nH
Dimensions
d
× l
mm
Fig. Appr.
weight
g
Ordering code
Pg.
1) Capacitance tolerance
± 10 %
2) 1-pole capacitor.
No insulated voltage and test voltage between terminal/case needed.
B 25 355
Smoothing, Supporting, Discharge


Similar Part No. - B25355L0307K004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
B2535L ONSEMI-B2535L Datasheet
111Kb / 4P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
B2535LG ONSEMI-B2535LG Datasheet
111Kb / 4P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
More results

Similar Description - B25355L0307K004

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750X7R1H685K TDK-C5750X7R1H685K Datasheet
117Kb / 4P
   Ceramic Capacitors For Smoothing
logo
Motorola, Inc
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
logo
Johanson Technology Inc...
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
PHOENIX CONTACT
1884416 PHOENIX-1884416 Datasheet
98Kb / 4P
   VC-MP-A2
logo
Emerson Network Power
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
   關MP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com