Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2107AUE4 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2107AUE4
Description  Precision Dual Difet Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2107AUE4 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2107AUE4 Datasheet HTML 3Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 4Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 5Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 9Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 10Page - Burr-Brown (TI) OPA2107AUE4 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
OPA2107
7
SBOS161A
www.ti.com
FIGURE 2. FET Input Instrumentation Amplifier.
I
B = 5pA Max
Gain = 100
CMRR ~ 95dB
R
IN = 10
13
~
Differential Voltage Gain = 1 + 2R
F/RG = 100
A
1
Output
3
2
B
7
6
5
1
–In
+In
R
F
5k
R
F
5k
R
G
101
25k
25k
1/2
OPA2107
1/2
OPA2107
25k
25k
6
5
3
2
INA105
FIGURE 3. Precision Instrumentation Amplifier.
Using the INA106 for an output difference amplifier extends the input
common-mode range of an instrumentation amplifier (IA) to
±10V.
A conventional IA with a unity-gain difference amplifier has an input
common-mode range limited to
±5V for an output swing of ±10V. This is
because a unity-gain difference amplifier needs
±5V at the input for 10V
at the output, allowing only 5V additional for common-mode range.
E
O = [10 (1 + 2RF /RG) (E2 – E1)] = 1000 (E2 – E1)
A
1
E
Output
3
2
B
7
6
5
1
E
–In
R
F
10k
R
F
10k
R
G
202
10k
10k
1/2
OPA2107
1/2
OPA2107
100k
100k
6
5
3
2
INA106
1
O
E
+In
2
APPLICATIONS INFORMATION
AND CIRCUITS
The OPA2107 is unity-gain stable and has an excellent
phase margin. This makes it easy to use in a wide variety of
applications.
Power-supply connections should be bypassed with capaci-
tors positioned close to the amplifier pins. In most cases,
0.1
µF ceramic capacitors are adequate. Applications with
larger load currents and fast transient signals may need up
to 1
µF tantalum bypass capacitors.
INPUT BIAS CURRENT
The OPA2107
Difet input stages have very low input bias
current—an order of magnitude lower than BIFET op amps.
Circuit-board leakage paths can significantly degrade per-
formance. This is especially evident with the SO-8 surface-
mount package where pin-to-pin dimensions are particularly
small. Residual soldering flux, dirt, and oils, which conduct
leakage current, can be removed by proper cleaning. In most
instances, a two-step cleaning process is adequate using a
clean organic solvent rinse followed by deionized water.
Each rinse should be followed by a 30-minute bake at 85
°C.
A circuit-board guard pattern effectively reduces errors due
to circuit-board leakage (Figure 1). By encircling critical high-
impedance nodes with a low-impedance connection at the
same circuit potential, any leakage currents will flow harm-
lessly to the low-impedance node. Guard traces should be
placed on all levels of a multiple-layer circuit board.
A
In
Non-Inverting
1
A
In
Buffer
1
Out
2
3
A
In
Inverting
1
Out
2
3
Out
2
3
FIGURE 1. Connection of Input Guard.


Similar Part No. - OPA2107AUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA210 TI-OPA210 Datasheet
2Mb / 38P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
OPA210IDBVR TI-OPA210IDBVR Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
OPA210IDBVT TI-OPA210IDBVT Datasheet
2Mb / 42P
[Old version datasheet]   OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
More results

Similar Description - OPA2107AUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
   Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA121 BURR-BROWN-OPA121 Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com