Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA0358AE Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA0358AE
Description  Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0358AE Datasheet(HTML) 1 Page - Intersil Corporation

  CA0358AE Datasheet HTML 1Page - Intersil Corporation CA0358AE Datasheet HTML 2Page - Intersil Corporation CA0358AE Datasheet HTML 3Page - Intersil Corporation CA0358AE Datasheet HTML 4Page - Intersil Corporation CA0358AE Datasheet HTML 5Page - Intersil Corporation CA0358AE Datasheet HTML 6Page - Intersil Corporation CA0358AE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
1019.7
CA158, CA158A, CA258, CA358, CA358A,
CA2904, LM358, LM2904
Dual, 1MHz, Operational Amplifiers for
Commercial Industrial, and Military
Applications
The CA158, CA158A, CA258, CA358, CA358A and CA2904
types consist of two independent, high gain, internally
frequency compensated operational amplifiers which are
designed specifically to operate from a single power supply
over a wide range of voltages. They may also be operated
from split power supplies. The supply current is basically
independent of the supply voltage over the recommended
voltage range.
These devices are particularly useful in interface circuits with
digital systems and can be operated from the single common
5VDC power supply. They are also intended for transducer
amplifiers, DC gain blocks and many other conventional op
amp circuits which can benefit from the single power supply
capability.
The CA158, CA158A, CA258, CA358, CA358A, and
CA2904 types are an equivalent to or a replacement for the
industry types 158, 158A, 258, 258A, 358, 358A, and
CA2904.
Technical Data on LM Branded types is identical to the
corresponding CA Branded types.
Pinouts
CA158 (METAL CAN)
TOP VIEW
CA158, CA258, CA358 (PDIP, SOIC)
CA2904, LM358, LM2904 (PDIP)
TOP VIEW
Features
• Internal Frequency Compensation for Unity Gain
• High DC Voltage Gain . ...... ..... ...... 100dB (Typ)
• Wide Bandwidth at Unity Gain . ..... ...... .1MHz (Typ)
• Wide Power Supply Range:
- Single Supply ...... ...... ..... ...... ..3V to 30V
• Dual Supplies .. ...... ...... ..... ....
±1.5V to ±15V
• Low Supply Current . . . ...... ..... ......1.5 mA (Typ)
• Low Input Bias Current
• Low Input Offset Voltage and Current
• Input Common-Mode Voltage Range Includes Ground
• Differential Input Voltage Range Equal to V+ Range
• Large Output Voltage Swing . . ..... .... 0V to V+ -1.5V
Related Literature
• TB363, Guidelines for Handling and Processing Moisture
Sensitive Surface Mount Devices (SMDs)
OUTPUT (B)
V+
V-
INV.
INPUT (B)
NON-INV.
INPUT (B)
NON-INV.
INPUT (A)
INV.
INPUT (A)
OUTPUT (A)
2
4
6
1
3
7
5
8
A
B
-
-
+
+
1
2
3
4
8
7
6
5
B
A
V+
OUTPUT (B)
NON-INV. INPUT (B)
INV. INPUT (B)
V-
OUTPUT (A)
INV. INPUT (A)
NON-INV. INPUT (A)
Part Number Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA0158E
-55 to 125
8 Ld PDIP
E8.3
CA0158AE
-55 to 125
8 Ld PDIP
E8.3
CA0158M
-55 to 125
8 Ld SOIC
M8.15
CA0158T
-55 to 125
8 Pin Can
T8.C
CA0258E
-25 to 85
8 Ld PDIP
E8.3
CA0258M
-25 to 85
8 Ld SOIC
M8.15
CA0358E
0 to 70
8 Ld PDIP
E8.3
CA0358AE
0 to 70
8 Ld PDIP
E8.3
CA0358M
0 to 70
8 Ld SOIC
M8.15
CA2904E
-40 to 85
8 Ld PDIP
E8.3
LM358N
0 to 70
8 Ld PDIP
E8.3
LM2904N
-40 to 85
8 Ld PDIP
E8.3
Data Sheet
May 2001
tle
15
58
58
58
A3
58
90
3
290
-
al,
z,
ra-
al
pli-
-
-
s-
,
-
li-
)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc. | Copyright © Intersil Americas Inc. 2001
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T


Similar Part No. - CA0358AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA0358AE INTERSIL-CA0358AE Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results

Similar Description - CA0358AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com