Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1822CDX Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1822CDX
Description  256-Word x 4-Bit LSI Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1822CDX Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1822CDX Datasheet HTML 1Page - Intersil Corporation CDP1822CDX Datasheet HTML 2Page - Intersil Corporation CDP1822CDX Datasheet HTML 3Page - Intersil Corporation CDP1822CDX Datasheet HTML 4Page - Intersil Corporation CDP1822CDX Datasheet HTML 5Page - Intersil Corporation CDP1822CDX Datasheet HTML 6Page - Intersil Corporation CDP1822CDX Datasheet HTML 7Page - Intersil Corporation CDP1822CDX Datasheet HTML 8Page - Intersil Corporation CDP1822CDX Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
11
TM
Features
• Low Operating Current
-VDD = 5V, Cycle Time 1µs . . . . . . . . . . . . . . . . . . 8mA
• Industry Standard Pinout
• Two Chip-Select Inputs-Simple Memory Expansion
• Memory Retention for Standby Battery Voltage of 2V
Minimum
• Output-Disable for Common I/O Systems
• Three-State Data Output for Bus-Oriented Systems
• Separate Data Inputs and Outputs
Description
The CDP1822 and CDP1822C are 256-word by 4-bit static
random-access memories designed for use in memory sys-
tems where high speed, low operating current, and simplicity
in use are desirable. The CDP1822 features high speed and
a wide operating voltage range. Both types have separate
data inputs and outputs and utilize single power supplies of
4V to 6.5V for the CDP1822C and 4V to 10.5V for the
CDP1822.
Two Chip-Select inputs are provided to simplify system
expansion. An Output Disable control provides Wire-OR
capability and is also useful in common Input/Output sys-
tems. The Output Disable input allows these RAMs to be
used in common data Input/Output systems by forcing the
output into a high-impedance state during a write operation
independent of the Chip-Select input condition. The output
assumes a high-impedance state when the Output Disable is
at high level or when the chip is deselected by CS1 and/or
CS2.
The high noise immunity of the CMOS technology is pre-
served in this design. For TTL interfacing at 5V operation,
excellent system noise margin is preserved by using an
external pull-up resistor at each input.
Pinout
CDP1822, CDP1822C
(PDIP, SBDIP)
TOP VIEW
Ordering Information
5V
10V
PACKAGE
TEMP. RANGE
PKG.
NO.
CDP1822CE
CDP1822E
PDIP
-40oC to +85oC
E22.4
CDP1822CEX CDP1822EX
Burn-In
E22.4
CDP1822CD
CDP1822D
SBDIP
-40oC to +85oC
D22.4A
CDP1822CDX
-
Burn-In
D22.4A
1
11
10
9
8
7
6
5
3
2
4
22
12
13
14
15
16
17
18
19
21
20
A2
A1
A0
A5
A6
A7
DI1
VSS
DO1
DI2
A4
CS1
O. D.
CS2
R/W
DO4
DI4
DO3
DI3
DO2
A3
VDD
OPERATIONAL MODES
MODE
INPUTS
OUTPUT
CHIP
SELECT
1
(CS1)
CHIP
SELECT
2
(CS2)
OUTPUT
DISABLE
(OD)
READ/
WRITE
(R/W)
Read
0
1
0
1
Read
Write
0
1
0
0
Data In
Write
0
1
1
0
High
Imped-
ance
Standby
1
X
X
X
High
Imped-
ance
Standby
X
0
X
X
High
Imped-
ance
Output
Disable
XX
1
X
High
Imped-
ance
NOTE:
Logic 1 = High, Logic 0 = Low, X = Don’t Care.
March 1997
CDP1822,
CDP1822C
256-Word x 4-Bit
LSI Static RAM
File Number
1074.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved


Similar Part No. - CDP1822CDX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822CDX INTERSIL-CDP1822CDX Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
More results

Similar Description - CDP1822CDX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1822 INTERSIL-CDP1822 Datasheet
45Kb / 8P
   256-Word x 4-Bit LSI Static RAM
March 1997
MWS5101 INTERSIL-MWS5101 Datasheet
41Kb / 7P
   256-Word x 4-Bit LSI Static RAM
CDP1822C INTERSIL-CDP1822C Datasheet
27Kb / 5P
   High-Reliability CMOS 256-Word x 4-Bit LSI Static RAM
March 1997
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
   1024-Word x 4-Bit LSI Static RAM
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
   1024-Word x 4-Bit LSI Static RAM
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
   128-Word x 8-Bit LSI Static RAM
March 1997
logo
Toshiba Semiconductor
TC5501P TOSHIBA-TC5501P Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Toshiba Semiconductor
TC55465AP TOSHIBA-TC55465AP Datasheet
358Kb / 7P
   65,536 WORD x 4 BIT CMOS STATIC RAM
TC55416P TOSHIBA-TC55416P Datasheet
232Kb / 6P
   16,384 WORD x 4 BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com